Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC554 Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16LC554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC554 Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16LC554 Datasheet HTML 36Page - Microchip Technology PIC16LC554 Datasheet HTML 37Page - Microchip Technology PIC16LC554 Datasheet HTML 38Page - Microchip Technology PIC16LC554 Datasheet HTML 39Page - Microchip Technology PIC16LC554 Datasheet HTML 40Page - Microchip Technology PIC16LC554 Datasheet HTML 41Page - Microchip Technology PIC16LC554 Datasheet HTML 42Page - Microchip Technology PIC16LC554 Datasheet HTML 43Page - Microchip Technology PIC16LC554 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
PIC16C55X(A)
DS40143B-page 40
Preliminary
© 1997 Microchip Technology Inc.
7.4
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST)
7.4.1
POWER-ON RESET (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.6 V – 1.8 V). To
take advantage of the POR, just tie the MCLR pin
directly (or through a resistor) to VDD. This will eliminate
external RC components usually needed to create
Power-on Reset. A maximum rise time for VDD is
required. See Electrical Specifications for details.
The POR circuit does not produce internal reset when
VDD declines.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, etc.) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions are
met.
For additional information, refer to Application Note
AN607 “Power-up Trouble Shooting”.
7.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms (nominal)
time-out on power-up only, from POR. The Power-up
Timer operates on an internal RC oscillator. The chip is
kept in reset as long as PWRT is active. The PWRT
delay allows the VDD to rise to an acceptable level. A
configuration bit, PWRTE can disable (if set) or enable
(if cleared or programmed) the Power-up Timer. The
Power-Up Time delay will vary from chip to chip and
due to VDD, temperature and process variation. See
DC parameters for details.
7.4.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-Up Timer (OST) provides a 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal
oscillator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on power-on reset or wake-up from
SLEEP.
7.4.4
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows: First
PWRT time-out is invoked after POR has expired, then
OST is activated. The total time-out will vary based on
oscillator configuration and PWRTE bit status. For
example, in RC mode with PWRTE bit erased (PWRT
disabled), there will be no time-out at all. Figure 7-8,
Figure 7-9 and Figure 7-10 depict time-out sequences.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(see Figure 7-9). This is useful for testing purposes or
to synchronize more than one PIC16C55X device oper-
ating in parallel.
Table 7-5 shows the reset conditions for some special
registers, while Table 7-6 shows the reset conditions for
all the registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com