Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC554 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16LC554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC554 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16LC554 Datasheet HTML 65Page - Microchip Technology PIC16LC554 Datasheet HTML 66Page - Microchip Technology PIC16LC554 Datasheet HTML 67Page - Microchip Technology PIC16LC554 Datasheet HTML 68Page - Microchip Technology PIC16LC554 Datasheet HTML 69Page - Microchip Technology PIC16LC554 Datasheet HTML 70Page - Microchip Technology PIC16LC554 Datasheet HTML 71Page - Microchip Technology PIC16LC554 Datasheet HTML 72Page - Microchip Technology PIC16LC554 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 69
PIC16C55X(A)
(A)
10.1
DC CHARACTERISTICS:
PIC16C55X(A)-04 (Commercial, Industrial, Extended)
PIC16C55X(A)-20 (Commercial, Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40
°C ≤ TA ≤ +85°C for industrial and
0
°C ≤ TA ≤ +70°C for commercial and
–40
°C ≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
D001
D001A
VDD
Supply Voltage
3.0
4.5
-
-
5.5
5.5
V
V
XT, RC and LP osc configuration
HS osc configuration
D002
VDR
RAM Data Retention
Voltage (Note 1)
–
1.5*
–
V
Device in SLEEP mode
D003
VPOR
VDD start voltage to
ensure Power-on Reset
–
VSS
–
V
See section on power-on reset for
details
D004
SVDD
VDD rise rate to ensure
Power-on Reset
0.05*
–
–
V/ms See section on power-on reset for
details
D010
D010A
D013
IDD
Supply Current (Note 2)
–
–
–
1.8
35
9.0
3.3
70
20
mA
µA
mA
XT and RC osc configuration
FOSC = 4 MHz, VDD = 5.5V, WDT
disabled (Note 4)
LP osc configuration,
PIC16C55X-04 only
FOSC = 32 kHz, VDD = 4.0V, WDT
disabled
HS osc configuration
FOSC = 20 MHz, VDD = 5.5V, WDT
disabled
∆IWDT
WDT Current (Note 5)
–
6.0
20
25
µA
µA
VDD = 4.0V
(+85
°C to +125°C)
D020
IPD
Power Down Current (Note 3)
–
1.0
2.5
15
µA
µA
VDD=4.0V, WDT disabled
(+85
°C to +125°C)
∆IWDT
WDT Current (Note 5)
–
6.0
20
µA
VDD=4.0V
(+85
°C to +125°C)
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C, unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins configured as input, pulled to VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3: The power down current in SLEEP mode does not depend on the oscillator type. Power down current is
measured with the part in SLEEP mode, with all I/O pins configured as input and tied to VDD or VSS.
4: For RC osc configuration, current through Rext is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2Rext (mA) with Rext in k
Ω.
5: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com