Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC554 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16LC554
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC554 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16LC554 Datasheet HTML 63Page - Microchip Technology PIC16LC554 Datasheet HTML 64Page - Microchip Technology PIC16LC554 Datasheet HTML 65Page - Microchip Technology PIC16LC554 Datasheet HTML 66Page - Microchip Technology PIC16LC554 Datasheet HTML 67Page - Microchip Technology PIC16LC554 Datasheet HTML 68Page - Microchip Technology PIC16LC554 Datasheet HTML 69Page - Microchip Technology PIC16LC554 Datasheet HTML 70Page - Microchip Technology PIC16LC554 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40143B-page 67
PIC16C55X(A)
10.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings †
Ambient Temperature under bias ............................................................................................................. –40
° to +125°C
Storage Temperature................................................................................................................................ –65
° to +150°C
Voltage on any pin with respect to VSS (except VDD and MCLR)...................................................... –0.6V to VDD +0.6V
Voltage on VDD with respect to VSS ............................................................................................................... 0 to +7.5V
Voltage on MCLR with respect to VSS (Note 2)................................................................................................. 0 to +14V
Total power Dissipation (Note 1) ...............................................................................................................................1.0W
Maximum Current out of VSS pin...........................................................................................................................300 mA
Maximum Current into VDD pin..............................................................................................................................250 mA
Input Clamp Current, IIK (VI<0 or VI> VDD)
...................................................................................................................... ±20 mA
Output Clamp Current, IOK (V0 <0 or V0>VDD)
............................................................................................................... ±20 mA
Maximum Output Current sunk by any I/O pin ........................................................................................................25 mA
Maximum Output Current sourced by any I/O pin ...................................................................................................25 mA
Maximum Current sunk by PORTA and PORTB ...................................................................................................200 mA
Maximum Current sourced by PORTA and PORTB ..............................................................................................200 mA
Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL)
† NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com