Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W97AH6KB Datasheet(PDF) 49 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 49 Page - Winbond

Back Button W97AH6KB Datasheet HTML 45Page - Winbond W97AH6KB Datasheet HTML 46Page - Winbond W97AH6KB Datasheet HTML 47Page - Winbond W97AH6KB Datasheet HTML 48Page - Winbond W97AH6KB Datasheet HTML 49Page - Winbond W97AH6KB Datasheet HTML 50Page - Winbond W97AH6KB Datasheet HTML 51Page - Winbond W97AH6KB Datasheet HTML 52Page - Winbond W97AH6KB Datasheet HTML 53Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 49 -
In contrast to JESD79 and JESD79-2 and JESD79-3 compliant SDRAM devices, LPDDR2-S4 devices allow
significant flexibiliy in scheduling REFRESH commands, as long as the boundary conditions above are met. In the
most straight forward case a REFRESH command should be scheduled every tREFI. In this case Self-Refresh may
be entered at any time.
The users may choose to deviate from this regular refresh pattern e.g., to enable a period where no refreshes are
required. As an example, using a 1Gb LPDDR2-S4 device, the user can choose to issue a refresh burst of 4096
REFRESH commands with the maximum allowable rate (limited by tREFBW) followed by a long time without any
REFRESH commands, until the refresh window is complete, then repeating this sequence. The achieveable time
without REFRESH commands is given by tREFW - (R / 8) * tREFBW = tREFW - R * 4 * tRFCab.@ TCASE
≤ 85°C this can
be up to 32 mS - 4096 * 4 * 130 nS
≈ 30 mS.
While both - the regular and the burst/pause - patterns can satisfy the refresh requirements per rolling refresh
interval, if they are repeated in every subsequent 32 mS window, extreme care must be taken when transitioning
from one pattern to another to satisfy the refresh requirement in every rolling refresh window during the transition.
Figure of 7.4.16.3 shows an example of an allowable transition from a burst pattern to a regular, distributed pattern. If
this transition happens directly after the burst refresh phase, all rolling tREFW interval will have at least the required
number of refreshes.
Figure of 7.4.16.4 shows an example of a non-allowable transition. In this case the regular refresh pattern starts after
the completion of the pause-phase of the burst/pause refresh pattern. For several rolling tREFW intervals the
minimmun number of REFRESH commands is not satisfied.
The understanding of the pattern transition is extremly relevant (even if in normal operation only one pattern is
employed), as in Self-Refresh-Mode a regular, distributed refresh pattern has to be assumed, which is reflected in
the equation for R* above. Therefore it is recommended to enter Self-Refresh-Mode ONLY directly after the burst-
phase of a burst/pause refresh pattern as indicated in figure of 7.4.16.5 and begin with the burst phase upon exit
from Self-Refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com