Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W97AH6KB Datasheet(PDF) 13 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 13 Page - Winbond

Back Button W97AH6KB Datasheet HTML 9Page - Winbond W97AH6KB Datasheet HTML 10Page - Winbond W97AH6KB Datasheet HTML 11Page - Winbond W97AH6KB Datasheet HTML 12Page - Winbond W97AH6KB Datasheet HTML 13Page - Winbond W97AH6KB Datasheet HTML 14Page - Winbond W97AH6KB Datasheet HTML 15Page - Winbond W97AH6KB Datasheet HTML 16Page - Winbond W97AH6KB Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 13 -
7.
FUNCTIONAL DESCRIPTION
LPDDR2-S4 devices use a double data rate architecture on the DQ pins to achieve high speed operation. The
double data rate architecture is essentially a 4n prefetch architecture with an interface designed to transfer two data
bits per DQ every clock cycle at the I/O pins. A single read or write access for the LPDDR2-S4 effectively consists of
a single 4n-bit-wide, one-clock-cycle data transfer at the internal SDRAM core and four corresponding n-bit-wide,
one-half-clock-cycle data transfers at the I/O pins.
Read and write accesses are burst oriented; accesses start at a selected location and continue for a programmed
number of locations in a programmed sequence.
Prior to normal operation, the LPDDR2 device must be initialized. The following section provides detailed information
covering device initialization, register definition, command description and device operation.
7.1
Simplified LPDDR2 State Diagram
LPDDR2-SDRAM state diagram provides a simplified illustration of allowed state transitions and the related
commands to control them. For a complete definition of the device behavior, the information provided by the state
diagram should be integrated with the truth tables and timing specification.
The truth tables provide complementary information to the state diagram, they clarify the device behavior and the
applied restrictions when considering the actual state of all the banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com