Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W97AH6KB Datasheet(PDF) 97 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 97 Page - Winbond

Back Button W97AH6KB Datasheet HTML 93Page - Winbond W97AH6KB Datasheet HTML 94Page - Winbond W97AH6KB Datasheet HTML 95Page - Winbond W97AH6KB Datasheet HTML 96Page - Winbond W97AH6KB Datasheet HTML 97Page - Winbond W97AH6KB Datasheet HTML 98Page - Winbond W97AH6KB Datasheet HTML 99Page - Winbond W97AH6KB Datasheet HTML 100Page - Winbond W97AH6KB Datasheet HTML 101Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 97 -
8.2.6.7
Input/Output Capacitance
Table of Input/Output Capacitance
Parameter
Symbol
Min
Max
Units
Note
Package Input capacitance, CK_t and CK_c
CPKGCK
1
3
pF
1, 2
Package Input capacitance delta, CK_t and CK_c
CDPKGCK
0
0.2
pF
1, 2, 3
Package Input capacitance, all other input-only pins
CPKGI
1
3
pF
1, 2, 4
Package Input capacitance delta, all other input-only pins
CDPKGI
-0.5
0.5
pF
1, 2, 5
Package Input/output capacitance, DQ, DM, DQS_t, DQS_c
CPKGIO
1.25
3.5
pF
1, 2, 7
Package Input/output capacitance delta, DQS_t, DQS_c
CDPKGDQS
0
0.25
pF
1, 2, 6
Package Input/output capacitance delta, DQ, DM
CDPKGIO
-0.5
0.5
pF
1, 2, 7
Package Input/output capacitance, ZQ Pin
CPKGZQ
0
3.5
pF
1, 2
(TOPER; VDDQ = 1.14- 1.3V; VDDCA = 1.14-1.3V; VDD1 = 1.7-1.95V, LPDDR2-S4 VDD2 = 1.14-1.3V).
Notes:
1.
This parameter is not subject to production test. It is verified by design and characterization. The capacitance is measured according to
JEP147 (Procedure for measuring input capacitance using a vector network analyzer (VNA) with VDD1, VDD2, VDDQ, VSS, VSSCA, VSSQ
applied and all other pins floating.
2.
This parameter applies to package only (does not include die capacitance). This value is vendor specific.
3.
Absolute value of CPKGCK_t - CPKGCK_c.
4.
CPKGI applies to CS_n, CKE, CA0-CA9
5.
CDPKGI = CPKGI - 0.5 * (CPKGDQS_t + CPKGDQS_c).
6.
Absolute value of CPKGDQS_t and CPKGDQS_c.
7.
CDPKGIO = CPKGIO - 0.5 * (CPKGDQS_t + CPKGDQS_c) in byte lane.
8.
Maximum external load capacitance on ZQ pin, including packaging, board, pin, resistor, and other LPDDR2 devices: 5 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com