Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W97AH6KB Datasheet(PDF) 62 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 62 Page - Winbond

Back Button W97AH6KB Datasheet HTML 58Page - Winbond W97AH6KB Datasheet HTML 59Page - Winbond W97AH6KB Datasheet HTML 60Page - Winbond W97AH6KB Datasheet HTML 61Page - Winbond W97AH6KB Datasheet HTML 62Page - Winbond W97AH6KB Datasheet HTML 63Page - Winbond W97AH6KB Datasheet HTML 64Page - Winbond W97AH6KB Datasheet HTML 65Page - Winbond W97AH6KB Datasheet HTML 66Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 62 -
7.4.23 Mode Register Write Reset (MRW Reset)
Any MRW command issued to MRW63 initiates an MRW Reset. The MRW Reset command brings the device to the
Device Auto-Initialization (Resetting) State in the Power-On Initialization sequence (see step 3 in sections 7.2.1
“Power Ramp and Device Initialization”). The MRW Reset command may be issued from the Idle state for
LPDDR2-S4 devices. This command resets all Mode Registers to their default values. No commands other than
NOP may be issued to the LPDDR2 device during the MRW Reset period (tINIT4). After MRW Reset, boot timings
must be observed until the device initialization sequence is complete and the device is in the Idle state. Array data
for LPDDR2-S4 devices are undefined after the MRW Reset command.
For the timing diagram related to MRW Reset, refer to 7.2.3
“Power Ramp and Initialization Sequence” figure.
7.4.24 Mode Register Write ZQ Calibration Command
The MRW command is also used to initiate the ZQ Calibration command. The ZQ Calibration command is used to
calibrate the LPDDR2 ouput drivers (RON) over process, temperature, and voltage. LPDDR2-S4 devices support ZQ
Calibration.
There are four ZQ Calibration commands and related timings times, tZQINIT, tZQRESET, tZQCL, and tZQCS. tZQINIT
corresponds to the initialization calibration, tZQRESET for resetting ZQ setting to default, tZQCL is for long calibration,
and tZQCS is for short calibration. See Mode Register 10 (MR10) for description on the command codes for the
different ZQ Calibration commands.
The Initialization ZQ Calibration (ZQINIT) shall be performed for LPDDR2-S4 devices. This Initialization Calibration
achieves a RON accuracy of ±15%. After initialization, the ZQ Long Calibration may be used to re-calibrate the
system to a RON accuracy of ±15%. A ZQ Short Calibration may be used periodically to compensate for temperature
and voltage drift in the system.
The ZQReset Command resets the RON calibration to a default accuracy of ±30% across process, voltage, and
temperature. This command is used to ensure RON accuracy to ±30% when ZQCS and ZQCL are not used.
One ZQCS command can effectively correct a minimum of 1.5% (ZQCorrection) of RON impedance error within
tZQCS
for all speed bins assuming the maximum sensitivities specified in the ‘Output Driver Voltage and Temperature
Sensitiv
ity’. The appropriate interval between ZQCS commands can be determined from these tables and other
application-specific parameters.
One method for calculating the interval between ZQCS commands, given the temperature (Tdriftrate) and voltage
(Vdriftrate) drift rates that the LPDDR2 is subject to in the application, is illustrated. The interval could be defined by
the following formula:
)
×
(
+
)
×
(
Vdriftrate
VSens
Tdriftrate
TSens
on
ZQCorrecti
where TSens = max(dRONdT) and VSens = max(dRONdV) define the LPDDR2 temperature and voltage
sensitivities.
For example, if TSens = 0.75% /
C, VSens = 0.20% / mV, Tdriftrate = 1C / sec and Vdriftrate = 15 mV / sec, then
the interval between ZQCS commands is calculated as:
15)
×
(0.20
+
1)
×
(0.75
1.5
= 0.4s
For LPDDR2-S4 devices, a ZQ Calibration command may only be issued when the device is in Idle state with all
banks precharged.
No other activities can be performed on the LPDDR2 data bus during the calibration period (tZQINIT, tZQCL, tZQCS).
The quiet time on the LPDDR2 data bus helps to accurately calibrate RON. There is no required quiet time after the
ZQ Reset command. If multiple devices share a single ZQ Resistor, only one device may be calibrating at any given
time. After calibration is achieved, the LPDDR2 device shall disable the ZQ pin
’s current consumption path to reduce
power.
In systems that share the ZQ resistor between devices, the controller must not allow overlap of tZQINIT, tZQCS, or
tZQCL between the devices. ZQ Reset overlap is allowed. If the ZQ resistor is absent from the system, ZQ shall be
connected to VDDCA. In this case, the LPDDR2 device shall ignore ZQ calibration commands and the device will use
the default calibration settings (See section 8.2.6.5
“RONPU and RONPD Characteristics without ZQ Calibration”
Output Driver DC Electrical Characteristics without ZQ Calibration table).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com