Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W97AH6KB Datasheet(PDF) 7 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 7 Page - Winbond

Back Button W97AH6KB Datasheet HTML 3Page - Winbond W97AH6KB Datasheet HTML 4Page - Winbond W97AH6KB Datasheet HTML 5Page - Winbond W97AH6KB Datasheet HTML 6Page - Winbond W97AH6KB Datasheet HTML 7Page - Winbond W97AH6KB Datasheet HTML 8Page - Winbond W97AH6KB Datasheet HTML 9Page - Winbond W97AH6KB Datasheet HTML 10Page - Winbond W97AH6KB Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 7 -
3.
ORDER INFORMATION
Part Number
VDD1/VDD2/VDDQ
I/O Width
Package
Others
W97AH2KBQX2I
1.8V/1.2V/1.2V
32
168WFBGA
400MHz, -40°C~85°C
W97AH2KBQX2E
1.8V/1.2V/1.2V
32
168WFBGA
400MHz, -25°C~85°C
W97AH6KBQX2I
1.8V/1.2V/1.2V
16
168WFBGA
400MHz, -40°C~85°C
W97AH6KBQX2E
1.8V/1.2V/1.2V
16
168WFBGA
400MHz, -25°C~85°C
W97AH2KBQX1I
1.8V/1.2V/1.2V
32
168WFBGA
533MHz, -40°C~85°C
W97AH2KBQX1E
1.8V/1.2V/1.2V
32
168WFBGA
533MHz, -25°C~85°C
W97AH6KBQX1I
1.8V/1.2V/1.2V
16
168WFBGA
533MHz, -40°C~85°C
W97AH6KBQX1E
1.8V/1.2V/1.2V
16
168WFBGA
533MHz, -25°C~85°C
W97AH2KBVX2I
1.8V/1.2V/1.2V
32
134VFBGA
400MHz, -40°C~85°C
W97AH2KBVX2E
1.8V/1.2V/1.2V
32
134VFBGA
400MHz, -25°C~85°C
W97AH6KBVX2I
1.8V/1.2V/1.2V
16
134VFBGA
400MHz, -40°C~85°C
W97AH6KBVX2E
1.8V/1.2V/1.2V
16
134VFBGA
400MHz, -25°C~85°C
W97AH2KBVX1I
1.8V/1.2V/1.2V
32
134VFBGA
533MHz, -40°C~85°C
W97AH2KBVX1E
1.8V/1.2V/1.2V
32
134VFBGA
533MHz, -25°C~85°C
W97AH6KBVX1I
1.8V/1.2V/1.2V
16
134VFBGA
533MHz, -40°C~85°C
W97AH6KBVX1E
1.8V/1.2V/1.2V
16
134VFBGA
533MHz, -25°C~85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com