Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W97AH6KB Datasheet(PDF) 83 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 83 Page - Winbond

Back Button W97AH6KB Datasheet HTML 79Page - Winbond W97AH6KB Datasheet HTML 80Page - Winbond W97AH6KB Datasheet HTML 81Page - Winbond W97AH6KB Datasheet HTML 82Page - Winbond W97AH6KB Datasheet HTML 83Page - Winbond W97AH6KB Datasheet HTML 84Page - Winbond W97AH6KB Datasheet HTML 85Page - Winbond W97AH6KB Datasheet HTML 86Page - Winbond W97AH6KB Datasheet HTML 87Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 83 -
8.2.4.3
Input Signal
8.2.4.3.1
LPDDR2-800/1066 Input Signal
VIL and VIH Levels With Ringback
1.550V
1.200V
0.820V
0.730V
0.624V
0.612V
0.600V
0.588V
0.576V
0.470V
0.380V
0.000V
-0.350V
VSS
– 0.35V
VSS
VIL(AC)
VIL(DC)
VREF
– AC noise
VREF
– DC error
VREF + DC error
VREF + AC noise
VIH(DC)
VIH(AC)
VDD
VDD + 0.35V
Minimum VIL and VIH Levels
VIH(AC)
0.820V
0.730V
VIH(DC)
0.624V
0.612V
0.600V
0.588V
0.576V
0.470V
0.380V
VIL(DC)
VIL(AC)
Notes:
1. Numbers reflect nominal values.
2. For CA0-9, CK_t, CK_c, and CS_n, VDD stands for VDDCA. For DQ, DM, DQS_t, and DQS_c, VDD stands for VDDQ.
3. For CA0-9, CK_t, CK_c, and CS_n, VSS stands for VSSCA. For DQ, DM, DQS_t, and DQS_c, VSS stands for VSSQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com