Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818A Datasheet(PDF) 4 Page - Microchip Technology

Part # TC818A
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818A Datasheet(HTML) 4 Page - Microchip Technology

  TC818A Datasheet HTML 1Page - Microchip Technology TC818A Datasheet HTML 2Page - Microchip Technology TC818A Datasheet HTML 3Page - Microchip Technology TC818A Datasheet HTML 4Page - Microchip Technology TC818A Datasheet HTML 5Page - Microchip Technology TC818A Datasheet HTML 6Page - Microchip Technology TC818A Datasheet HTML 7Page - Microchip Technology TC818A Datasheet HTML 8Page - Microchip Technology TC818A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TC818A
DS21475B-page 4
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ....................................................... 15V
Analog Input Voltage ..................................VCC to VSS
Reference Input Voltage..............................VCC to VSS
Voltage at Pin 43 ................................. Common ±0.7V
Power Dissipation ............................................800mW
Operating Temperature Range................ 0°C to +70°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC818A ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VA =9V, TA = +25°C, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Zero Input Reading
-0000
0000
+0000
Digital
Reading
200mV Range without 10M
Ω
Resistor
-0001
—
+0001
Digital
Reading
200mV Range with 10M
Ω
Resistor
-0000
0000
+0000
Digital
Reading
20mA and 200mA Range
RE
Rollover Error
—
—
±1
Counts
200mV Range without 10M
Ω
Resistor
—
—
±3
200mV Range with 10M
Ω
Resistor
—
—
±1
20mA and 200mA Range
NL
Linearity Error
—
—
±1
Count
Best Case Straight Line
IIN
Input Leakage Current
—
—
10
pA
EN
Input Noise
—
20
—
µVP-P
BW = 0.1 to 10Hz
AC Frequency Error
—
±1
—
%
40 to 500Hz
—
±5
—
%
Error 40 to 2000Hz
Open Circuit Voltage for Ohm
Measurements
—
570
660
mV
Excludes 200
Ω Range
Open Circuit Voltage for LO Ohm
Measurements
—
285
350
mV
Excludes 200
Ω Range
VCOM
Analog Common Voltage
2.8
3
3.3
V
(VCC -VCOM)
VCTC
Common Voltage Temperature
Coefficient
—
—
50
ppm/°C
Display Multiplex Rate
—
100
—
Hz
VIL
Low Logic Input
—
—
1
µA20mA,AC,I,LOW Ω,HOLD
Range, -MEM, OHMs
(RelativetoDGND, Pin58)
Logic 1 Pull-up Current
—
25
—
V
20mA,AC,I,LOW
Ω,HOLD
Range, -MEM, OHMs
(RelativetoDGND, Pin58)
VOL
Low Logic Output
—
DGND +0.1
—
V
ANNUNC, DEINT: IL =100µA
VOH
High Logic Output
—
VCC - 0.1
—
V
ANNUNC, DEINT: IL =100µA
Buzzer Drive Frequency
—
4
—
kHz
Low Battery Flag Voltage
6.3
6.6
7
V
VCC to VSSA
Operating Supply Current
—
0.8
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com