Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818A Datasheet(PDF) 11 Page - Microchip Technology

Part # TC818A
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818A Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC818A Datasheet HTML 7Page - Microchip Technology TC818A Datasheet HTML 8Page - Microchip Technology TC818A Datasheet HTML 9Page - Microchip Technology TC818A Datasheet HTML 10Page - Microchip Technology TC818A Datasheet HTML 11Page - Microchip Technology TC818A Datasheet HTML 12Page - Microchip Technology TC818A Datasheet HTML 13Page - Microchip Technology TC818A Datasheet HTML 14Page - Microchip Technology TC818A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21475B-page 11
TC818A
FIGURE 3-4:
BASIC TC818A CONVERSION TIMING
3.9
Manual Range Selection
The TC818A voltage and resistance auto-ranging fea-
ture can be disabled by momentarily bringing RANGE
(Pin 59) to digital ground potential (Pin 58). When the
change from auto-to-manual ranging occurs, the first
manual range selected is the last range in the Auto-
Ranging mode.
The TC818A power-up circuit initially selects auto-
range operation. Once the manual range option is
entered, range changes are made by momentarily
grounding the RANGE control input. The TC818A
remains in the Manual Range mode until the measure-
ment function (voltage or resistance), or measurement
option (AC/DC,
Ω/LOΩ) changes. This causes the
TC818A to return to auto-ranging operation.
The “Auto” LCD annunciator driver is active only in the
Auto-Range mode.
Figure 3-5 shows typical operation where the manual
range selection option is used. Also shown is the
extended resolution display format. Also, see Figure 3-6
and Figure 3-7.
FIGURE 3-5:
MANUAL RANGE
SELECTION RESISTANCE
MEASUREMENTS
TC818A
Signal
INT
Phase
REF
DEINT
Phase
Auto-Zero
Phase
Min. Auto-Zero
Time
Fixed
1638.5tP
Next Conversion
Auto-Zero Cycle
Extended Resolution
Zero Crossing
*In Auto-Range Operation, Maximum
is 2000tP and minimum Auto-Zero Time is 4361.5tP
3361.5tP
*Max.
3000tP
tCONV = 8000tP
tDE
tI
To
Input
Signal
µ
External Crystal = 32.768kHz
Internal Clock Period = tP = 2/32.768 = 61.04µsec
Total Conversion Time = tCONV = 8000(tP)
= 488.3msec
≈ 2 conv/sec
Integration Time = TI = 1638.5(tP) = 100msec
Maximum Reference De-integrate Time
= tDE 3000(tP) = 183.1msec
(manual extended resolution)
= 2000(tP) = 122.1msec (auto-range)
Maximum Auto-Zero Time
= (8000 - 3000 - 1638.5)
(tP) = 205.1msec (manual extended resolution)
= (8000 - 3000 - 1638.5)
(tP) = 205.1msec (manual extended resolution)
Is
RX < 19
?
Is
RX > 3000
?
No
Is
RX > 2000
?
Continuity
Indicator
Continuous
4kHz Buzzer
No
No
Yes
Extended Resolution
Feature
Yes*
Display
True
Reading
*Mode also operates when Auto-Ranging Operator is selected
and 2M
Ω < RX < 2.999MΩ.
Yes
Display
"1" 000
Display Last
3 Digits and
Flash MSD
Over Range
Indicator
"1" = > Flashing
MSD
Manual
Range
Select
Output 4kHz
Audio
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com