Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818A Datasheet(PDF) 5 Page - Microchip Technology

Part # TC818A
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818A Datasheet(HTML) 5 Page - Microchip Technology

  TC818A Datasheet HTML 1Page - Microchip Technology TC818A Datasheet HTML 2Page - Microchip Technology TC818A Datasheet HTML 3Page - Microchip Technology TC818A Datasheet HTML 4Page - Microchip Technology TC818A Datasheet HTML 5Page - Microchip Technology TC818A Datasheet HTML 6Page - Microchip Technology TC818A Datasheet HTML 7Page - Microchip Technology TC818A Datasheet HTML 8Page - Microchip Technology TC818A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21475B-page 5
TC818A
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(64-Pin PQFP)
Symbol
Description
1
NC
No connection.
2OHM
Logic Input. “0” (Digital Ground) for resistance measurement.
320mA
Logic Input. “0” (Digital Ground) for 20mA full scale current measurement.
4
BUZ
Buzzer. Audio frequency, 4kHz, output for continuity indication during resistance
measurement. A noncontinuous 4kHz signal is output to indicate an input over range
during voltage or current measurements.
5
XTAL1
32.768kHz Crystal Connection.
6
XTAL2
32.768kHz Crystal Connection.
7VDISP
Sets peak LCD drive signal: VP -VDD-VDISP.VDISP may also be used to compensate for
temperature variation of LCD crystal threshold voltage.
8
BP1
LCD Backplane #1.
9
BP2
LCD Backplane #2.
10
BP3
LCD Backplane #3.
11
LO
Ω/A
LCD Annunciator segment drive for low ohms resistance measurement and current
measurement.
12
Ω/V
LCD Annunciator segment drive for resistance measurement and voltage measurement.
13
k/m/HOLD
LCD Annunciator segment drive for k (“kilo-Ohms”), m (“milliamps” and “millivolts”) and
HOLD mode.
14
BCP0
(One’s digit)
LCD segment drive for “b,” “c” segments and decimal point of least significant digit (LSD).
15
AGD0
LCD segment drive for “a,” “g,” “d” segments of LSD.
16
FE0
LCD segment drive for “f” and “e” segments of LSD.
17
NC
No connection.
18
BCP1
LCD segment drive for “b,” “c” segments and decimal point of 2nd LSD.
19
AGD1
LCD segment drive for “a,” “g,” “d” segments of 2nd LSD.
20
FE1
LCD segment drive for “f” and “e” segments of 2nd LSD.
21
BCP2
LCD segment drive for “b,” “c” segments and decimal point of 3rd LSD
(hundred’s digit).
22
AGD2
LCD segment drive for “a,” “g,” “d” segments of 3rd LSD.
23
FE2
LCD segment drive for “f,” “e” segments of 3rd LSD.
24
BCP3
LCD segment drive for “b,” “c” segments and decimal point of MSD,
(thousand’s digit).
25
AC/-/AUTO
LCD annunciator segment drive for AC measurements, polarity, and auto-range operation.
26
-MEM/BATT LCD annunciator segment drive for AC for low battery indication and memory (relative
measurement).
27
ANNUNC
Square wave output at the backplane frequency, synchronized to BP1. ANNUNC can be
used to control display annunciators. Connecting an LCD segment to ANNUNC turns it on;
connecting it to its backplane turns it off.
28
VCC
Positive battery supply connection.
29
COM
Analog circuit ground reference point. Nominally 3V below VCC.
30
DEINT
De-integrate output.
31
RMREFL
Ratiometric (resistance measurement) reference low voltage.
32
CREFL
Reference capacitor negative terminal CREF =0.1µf.
33
CREFH
Reference capacitor positive terminal CREF =0.1µf.
34
REFHI
Reference voltage for voltage and current measurement. Nominally 163.85mV.
35
ΩR1
Standard resistor connection for 200
Ω full scale.
36
ΩR2
Standard resistor connection for 2000
Ω full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com