Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC818A
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818A Datasheet(HTML) 1 Page - Microchip Technology

  TC818A Datasheet HTML 1Page - Microchip Technology TC818A Datasheet HTML 2Page - Microchip Technology TC818A Datasheet HTML 3Page - Microchip Technology TC818A Datasheet HTML 4Page - Microchip Technology TC818A Datasheet HTML 5Page - Microchip Technology TC818A Datasheet HTML 6Page - Microchip Technology TC818A Datasheet HTML 7Page - Microchip Technology TC818A Datasheet HTML 8Page - Microchip Technology TC818A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21475B-page 1
TC818A
Features
• Auto-Ranging Analog-to-Digital Converter with
3-1/2 Digit Display
• Annunciator Outputs Permit Customizing of LCD
• Auto-Range Operation for AC and DC Voltage
and Resistance Measurements
• Two User Selected AC/DC
• Current Ranges: 20mA and 200mA
• 22 Operating Ranges: 9 DC/AC Voltage
•4 AC/DC Current
• 9 Resistance and Low Power Ohms
• Display Hold Function
• 3-1/2 Digit Resolution in Auto-Range
Mode: 1/2000
• Extended Resolution in Manual Range
Mode: 1/3000
• Internal AC-to-DC Conversion Op Amp
• Triplex LCD Drive for Decimal Points, Digits,
• Bar Graphs, and Annunciators
• Continuity Detection and Piezoelectric
Transducer Driver
• Low Drift Internal Reference: 75ppm/°C
• 9V Battery Operation: 10mW
• Low Battery Detection and LCD Annunciator
Device Selection Table
General Description
The TC818A is an integrating analog-to-digital con-
verter (ADC) with a 3-1/2 digit numeric LCD driver,
automatic ranging, and single 9V battery operation.
The numeric display provides 0.05% resolution and a
full set of annunciators that spell out the TC818A's
many operating modes.
Automatic range selection is provided for both voltage
(DC and AC) and ohms (high and low power) measure-
ments.
Expensive
and
bulky
mechanical
range
switches are not required. Five full scale ranges are
available, with automatic selection of external volt/ohm
attenuators over a 1 to 10,000 range. Two current
ranges, 20mA and 200mA, can be manually selected.
The auto-range feature can be bypassed, allowing
input attenuator selection through a single line input.
During Manual mode operation, resolution is extended
to 3000 counts full scale. Extended resolution is also
available during 2000k
Ω and 2000V full scale auto-
range operation. The extended range operation is indi-
cated by a flashing 1 MSD and by the fully extended bar
graph.
The TC818A includes an AC-to-DC converter for AC
voltage and current measurements. Only external
diodes/resistors/capacitors are required. Other fea-
tures include a Memory mode, low battery detection,
display HOLD input, and continuity buzzer driver.
The 3-1/2 digit numeric display includes a full set of
annunciators. Decimal points are adjusted as auto-
matic or manual range changes occur, and Voltage,
Current, and Ohms Operating modes are displayed.
Additional annunciators are activated for manual, auto,
memory, HOLD, AC, low power ohms, and low battery
conditions.
The TC818A is available in a surface mounted 64-pin
flat package. Combining a numeric display driver, sin-
gle 9V battery operation, internal range switching, and
compact surface mounting, the TC818A is ideal for
advanced portable instruments.
Part Number
Package
Operating
Temperature Range
TC818ACBU
64-Pin PQFP
0
°Cto +70°C
Auto-Ranging Analog-to-Digital Converter
with 3-1/2 Digit Display


Similar Part No. - TC818A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CKW TELCOM-TC811CKW Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811CKW MICROCHIP-TC811CKW Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CPL TELCOM-TC811CPL Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
More results

Similar Description - TC818A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
3-1/2 Digit, Analog-to-Digital Converter
2002
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7136 MICROCHIP-TC7136 Datasheet
534Kb / 22P
Low Power 3-1/2 Digit Analog-to-Digital Converter
2002
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
logo
Teledyne Technologies I...
TC8750 TELEDYNE-TC8750 Datasheet
537Kb / 8P
3-1/2 DIGIT Analog-to-digital converter with parallel bdc output
logo
Microchip Technology
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC14433 MICROCHIP-TC14433_08 Datasheet
401Kb / 24P
3-1/2 Digit, Analog-to-Digital Converter
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com