Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818A Datasheet(PDF) 14 Page - Microchip Technology

Part # TC818A
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818A Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC818A Datasheet HTML 10Page - Microchip Technology TC818A Datasheet HTML 11Page - Microchip Technology TC818A Datasheet HTML 12Page - Microchip Technology TC818A Datasheet HTML 13Page - Microchip Technology TC818A Datasheet HTML 14Page - Microchip Technology TC818A Datasheet HTML 15Page - Microchip Technology TC818A Datasheet HTML 16Page - Microchip Technology TC818A Datasheet HTML 17Page - Microchip Technology TC818A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TC818A
DS21475B-page 14
© 2002 Microchip Technology Inc.
FIGURE 3-8:
AUTO-RANGE
OPERATION: VOLTAGE
MEASUREMENT
FIGURE 3-9:
AUTO-RANGE
OPERATION: RESISTANCE
MEASUREMENT
N = 0 If DC
N = 1 If AC
No
Yes
Kth
Conversion
VX = (1/10N) VIN
N = N –1
N = 0; 200mV Full Scale Range
N = 1; 2V Full Scale Range
N = NK
(Remain in Range
Selected during the Kth
Conversion)
N = N +1
K = K +1
VX < 180
?
Display
"1" 000
Flash MSD
Start: Power-on, Function or Measurement Option Change
Yes
N = 0 If DC
N = 1 If AC
?
Display
Voltage (V)X
Yes
No
?
Yes
Yes
?
No
N = 4
?
Display
"1" XXX
Flash MSD
Over Range
Activate
Buzzer
Extended
Resolution
No
VX > 2000
VX > 3000
N = 0 If
Ω
N = 1 If LO
Ω
No
Yes
Kth
Conversion
RX =
RIN
N = N –1
N = 0; 200
Ω Full Scale Range
N = 1; 2k
Ω Full Scale Range
N = N +1
K = K +1
RX < 19
?
Yes
N = 0 If
Ω
N = 1 If LO
Ω
Extended Resolution
No
?
?
N = 4
?
No
Yes
Yes
?
Yes
Activate
Buzzer
Continuous
4kHz Signal
Continuity
Indicator
No
Yes
Display
Resistance
No
?
RX < 180
RX > 2000
RX > 3000
(Remain in Range
Selected during the
Kth Conversion)
Over
Range
Display
"1" 000
Flash MSD
Display
"1" XXX
Flash MSD
Start: Power-on, Function or Measurement Option Change
1
10N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com