Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818A Datasheet(PDF) 2 Page - Microchip Technology

Part # TC818A
Description  Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC818A Datasheet(HTML) 2 Page - Microchip Technology

  TC818A Datasheet HTML 1Page - Microchip Technology TC818A Datasheet HTML 2Page - Microchip Technology TC818A Datasheet HTML 3Page - Microchip Technology TC818A Datasheet HTML 4Page - Microchip Technology TC818A Datasheet HTML 5Page - Microchip Technology TC818A Datasheet HTML 6Page - Microchip Technology TC818A Datasheet HTML 7Page - Microchip Technology TC818A Datasheet HTML 8Page - Microchip Technology TC818A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TC818A
DS21475B-page 2
© 2002 Microchip Technology Inc.
Package Type
47
52
51
50
49
64
63
62
58
57
56
55
54
53
60
59
24
25
26
27
28
29
30
18
19
20
21
22
23
32
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
45
44
43
42
41
40
39
38
37
36
35
34
33
48
TC818A
CI
ACVL
II
CREFH
REFHI
ΩR3
VI
VR4
VR5
VR2
VR3
ΩR5
ΩR4
ΩR2
ΩR1
LCD
Backplanes
LCD Segment Drives
16
OHM
20mA
BUZ
FE0
AGD0
BCP0
XTAL1
XTAL2
VDISP
BP1
BP2
BP3
LO
Ω/A
Ω/V
k/m/
HOLD
NC
46
NC
61
31
64-Pin PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com