Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/PT Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 3Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 4Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 5Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 6Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 7Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 8Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 9Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 10Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 7
PIC17C4X
2.0
PIC17C4X DEVICE VARIETIES
A variety of frequency ranges and packaging options
are available. Depending on application and production
requirements, the proper device option can be selected
using the information in the PIC17C4X Product Selec-
tion System section at the end of this data sheet. When
placing orders, please use the “PIC17C4X Product
Identification System” at the back of this data sheet to
specify the correct part number.
For the PIC17C4X family of devices, there are four
device “types” as indicated in the device number:
1.
C, as in PIC17C42. These devices have
EPROM type memory and operate over the
standard voltage range.
2.
LC, as in PIC17LC42. These devices have
EPROM
type
memory,
operate
over
an
extended voltage range, and reduced frequency
range.
3.
CR, as in PIC17CR42. These devices have
ROM type memory and operate over the stan-
dard voltage range.
4.
LCR, as in PIC17LCR42. These devices have
ROM type memory, operate over an extended
voltage range, and reduced frequency range.
2.1
UV Erasable Devices
The UV erasable version, offered in CERDIP package,
is optimal for prototype development and pilot pro-
grams.
The UV erasable version can be erased and repro-
grammed
to
any
of
the
configuration
modes.
Microchip's PRO MATE
™ programmer supports pro-
gramming of the PIC17C4X. Third party programmers
also are available; refer to the
Third Party Guide for a
list of sources.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers expecting frequent code changes and
updates.
The OTP devices, packaged in plastic packages, per-
mit the user to program them once. In addition to the
program memory, the configuration bits must also be
programmed.
2.3
Quick-Turnaround-Production (QTP)
Devices
Microchip offers a QTP Programming Service for fac-
tory production orders. This service is made available
for users who choose not to program a medium to high
quantity of units and whose code patterns have stabi-
lized. The devices are identical to the OTP devices but
with all EPROM locations and configuration options
already programmed by the factory. Certain code and
prototype verification procedures apply before produc-
tion shipments are available. Please contact your local
Microchip Technology sales office for more details.
2.4
Serialized Quick-Turnaround
Production (SQTP
SM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are pro-
grammed with different serial numbers. The serial num-
bers may be random, pseudo-random or sequential.
Serial programming allows each device to have a
unique number which can serve as an entry-code,
password or ID number.
ROM devices do not allow serialization information in
the program memory space.
For information on submitting ROM code, please con-
tact your regional sales office.
2.5
Read Only Memory (ROM) Devices
Microchip offers masked ROM versions of several of
the highest volume parts, thus giving customers a low
cost option for high volume, mature products.
For information on submitting ROM code, please con-
tact your regional sales office.
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com