Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/PT Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 11Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 12Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 13Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 14Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 15Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 16Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 17Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 18Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 15
PIC17C4X
4.0
RESET
The PIC17CXX differentiates between various kinds of
reset:
• Power-on Reset (POR)
• MCLR reset during normal operation
• WDT Reset (normal operation)
Some registers are not affected in any reset condition;
their status is unknown on POR and unchanged in any
other reset. Most other registers are forced to a “reset
state” on Power-on Reset (POR), on MCLR or WDT
Reset and on MCLR reset during SLEEP. They are not
affected by a WDT Reset during SLEEP, since this reset
is viewed as the resumption of normal operation. The
TO and PD bits are set or cleared differently in different
reset situations as indicated in Table 4-3. These bits are
used in software to determine the nature of reset. See
Table 4-4 for a full description of reset states of all reg-
isters.
A simplified block diagram of the on-chip reset circuit is
shown in Figure 4-1.
Note:
While the device is in a reset state, the
internal phase clock is held in the Q1 state.
Any processor mode that allows external
execution will force the RE0/ALE pin as a
low output and the RE1/OE and RE2/WR
pins as high outputs.
4.1
Power-on Reset (POR), Power-up
Timer (PWRT), and Oscillator Start-up
Timer (OST)
4.1.1
POWER-ON RESET (POR)
The Power-on Reset circuit holds the device in reset
until VDD is above the trip point (in the range of 1.4V -
2.3V). The PIC17C42 does not produce an internal
reset when VDD declines. All other devices will produce
an internal reset for both rising and falling VDD. To take
advantage of the POR, just tie the MCLR/VPP pin
directly (or through a resistor) to VDD. This will eliminate
external RC components usually needed to create
Power-on Reset. A minimum rise time for VDD is
required. See Electrical Specifications for details.
4.1.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 96 ms time-out
(nominal) on power-up. This occurs from rising edge of
the POR signal and after the first rising edge of MCLR
(detected high). The Power-up Timer operates on an
internal RC oscillator. The chip is kept in RESET as
long as the PWRT is active. In most cases the PWRT
delay allows the VDD to rise to an acceptable level.
The power-up time delay will vary from chip to chip and
to VDD and temperature. See DC parameters for
details.
FIGURE 4-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External
Reset
MCLR
VDD
OSC1
WDT
Module
VDD rise
detect
OST/PWRT
On-chip
RC OSC†
WDT
Time_Out
Power_On_Reset
OST
10-bit Ripple counter
PWRT
Chip_Reset
10-bit Ripple counter
Power_Up
(Enable the PWRT timer
only during Power_Up)
(Power_Up + Wake_Up) (XT + LF)
(Enable the OST if it is Power_Up or Wake_Up
from SLEEP and OSC type is XT or LF)
Reset
† This RC oscillator is shared with the WDT
when not in a power-up sequence.
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com