Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/PT Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 93Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 94Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 95Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 96Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 97Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 98Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 99Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 100Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 97
PIC17C4X
13.4
USART Synchronous Slave Mode
The synchronous slave mode differs from the master
mode in the fact that the shift clock is supplied exter-
nally at the RA5/TX/CK pin (instead of being supplied
internally in the master mode). This allows the device
to transfer or receive data in the SLEEP mode. The
slave
mode
is
entered
by
clearing
the
CSRC (TXSTA<7>) bit.
13.4.1
USART SYNCHRONOUS SLAVE
TRANSMIT
The operation of the sync master and slave modes are
identical except in the case of the SLEEP mode.
If two words are written to TXREG and then the SLEEP
instruction executes, the following will occur. The first
word will immediately transfer to the TSR and will trans-
mit as the shift clock is supplied. The second word will
remain in TXREG. TXIF will not be set. When the first
word has been shifted out of TSR, TXREG will transfer
the second word to the TSR and the TXIF flag will now
be set. If TXIE is enabled, the interrupt will wake the
chip from SLEEP and if the global interrupt is enabled,
then the program will branch to interrupt vector
(0020h).
Steps to follow when setting up a Synchronous Slave
Transmission:
1.
Enable the synchronous slave serial port by set-
ting the SYNC and SPEN bits and clearing the
CSRC bit.
2.
Clear the CREN bit.
3.
If interrupts are desired, then set the TXIE bit.
4.
If 9-bit transmission is desired, then set the TX9
bit.
5.
Start transmission by loading data to TXREG.
6.
If 9-bit transmission is selected, the ninth bit
should be loaded in TX9D.
7.
Enable the transmission by setting TXEN.
Writing the transmit data to the TXREG, then enabling
the transmit (setting TXEN) allows transmission to start
sooner then doing these two events in the reverse
order.
Note:
To terminate a transmission, either clear
the SPEN bit, or the TXEN bit. This will
reset the transmit logic, so that it will be in
the
proper
state
when
transmit
is
re-enabled.
13.4.2
USART SYNCHRONOUS SLAVE
RECEPTION
Operation of the synchronous master and slave modes
are identical except in the case of the SLEEP mode.
Also, SREN is a don't care in slave mode.
If receive is enabled (CREN) prior to the SLEEP instruc-
tion, then a word may be received during SLEEP. On
completely receiving the word, the RSR will transfer the
data to RCREG (setting RCIF) and if the RCIE bit is set,
the interrupt generated will wake the chip from SLEEP.
If the global interrupt is enabled, the program will
branch to the interrupt vector (0020h).
Steps to follow when setting up a Synchronous Slave
Reception:
1.
Enable the synchronous master serial port by
setting the SYNC and SPEN bits and clearing
the CSRC bit.
2.
If interrupts are desired, then set the RCIE bit.
3.
If 9-bit reception is desired, then set the RX9 bit.
4.
To enable reception, set the CREN bit.
5.
The RCIF bit will be set when reception is com-
plete and an interrupt will be generated if the
RCIE bit was set.
6.
Read RCSTA to get the ninth bit (if enabled) and
determine if any error occurred during reception.
7.
Read the 8-bit received data by reading
RCREG.
8.
If any error occurred, clear the error by clearing
the CREN bit.
Note:
To abort reception, either clear the SPEN
bit, the SREN bit (when in single receive
mode), or the CREN bit (when in continu-
ous receive mode). This will reset the
receive logic, so that it will be in the proper
state when receive is re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com