Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/PT Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 89Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 90Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 91Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 92Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 93Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 94Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 95Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 96Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 93
PIC17C4X
13.3
USART Synchronous Master Mode
In Master Synchronous mode, the data is transmitted in
a half-duplex manner; i.e. transmission and reception
do not occur at the same time: when transmitting data,
the reception is inhibited and vice versa. The synchro-
nous
mode
is
entered
by
setting
the
SYNC
(TXSTA<4>) bit. In addition, the SPEN (RCSTA<7>) bit
is set in order to configure the RA5 and RA4 I/O ports
to CK (clock) and DT (data) lines respectively. The
Master mode indicates that the processor transmits the
master clock on the CK line. The Master mode is
entered by setting the CSRC (TXSTA<7>) bit.
13.3.1
USART SYNCHRONOUS MASTER
TRANSMISSION
The USART transmitter block diagram is shown in
Figure 13-3. The heart of the transmitter is the transmit
(serial) shift register (TSR). The shift register obtains its
data from the read/write transmit buffer TXREG.
TXREG is loaded with data in software. The TSR is not
loaded until the last bit has been transmitted from the
previous load. As soon as the last bit is transmitted, the
TSR is loaded with new data from TXREG (if available).
Once TXREG transfers the data to the TSR (occurs in
one TCY at the end of the current BRG cycle), TXREG
is empty and the TXIF (PIR<1>) bit is set. This interrupt
can be enabled/disabled by setting/clearing the TXIE
bit (PIE<1>). TXIF will be set regardless of the state of
bit TXIE and cannot be cleared in software. It will reset
only when new data is loaded into TXREG. While TXIF
indicates the status of TXREG, TRMT (TXSTA<1>)
shows the status of the TSR. TRMT is a read only bit
which is set when the TSR is empty. No interrupt logic
is tied to this bit, so the user has to poll this bit in order
to determine if the TSR is empty. The TSR is not
mapped in data memory, so it is not available to the
user.
Transmission
is
enabled
by
setting
the
TXEN
(TXSTA<5>) bit. The actual transmission will not occur
until TXREG has been loaded with data. The first data
bit will be shifted out on the next available rising edge
of the clock on the RA5/TX/CK pin. Data out is stable
around the falling edge of the synchronous clock
(Figure 13-10). The transmission can also be started
by first loading TXREG and then setting TXEN. This is
advantageous when slow baud rates are selected,
since BRG is kept in RESET when the TXEN, CREN,
and SREN bits are clear. Setting the TXEN bit will start
the BRG, creating a shift clock immediately. Normally
when transmission is first started, the TSR is empty, so
a transfer to TXREG will result in an immediate transfer
to
the
TSR,
resulting
in
an
empty
TXREG.
Back-to-back transfers are possible.
Clearing TXEN during a transmission will cause the
transmission to be aborted and will reset the transmit-
ter. The RA4/RX/DT and RA5/TX/CK pins will revert to
hi-impedance. If either CREN or SREN are set during
a transmission, the transmission is aborted and the
RA4/RX/DT pin reverts to a hi-impedance state (for a
reception). The RA5/TX/CK pin will remain an output if
the CSRC bit is set (internal clock). The transmitter
logic is not reset, although it is disconnected from the
pins. In order to reset the transmitter, the user has to
clear the TXEN bit. If the SREN bit is set (to interrupt an
ongoing transmission and receive a single word), then
after the single word is received, SREN will be cleared
and the serial port will revert back to transmitting, since
the TXEN bit is still set. The DT line will immediately
switch from hi-impedance receive mode to transmit
and start driving. To avoid this, TXEN should be
cleared.
In
order
to
select
9-bit
transmission,
the
TX9 (TXSTA<6>) bit should be set and the ninth bit
should be written to TX9D (TXSTA<0>). The ninth bit
must be written before writing the 8-bit data to TXREG.
This is because a data write to TXREG can result in an
immediate transfer of the data to the TSR (if the TSR is
empty). If the TSR was empty and TXREG was written
before writing the “new” TX9D, the “present” value of
TX9D is loaded.
Steps to follow when setting up a Synchronous Master
Transmission:
1.
Initialize the SPBRG register for the appropriate
baud rate (see Baud Rate Generator Section for
details).
2.
Enable the synchronous master serial port by
setting the SYNC, SPEN, and CSRC bits.
3.
Ensure that the CREN and SREN bits are clear
(these bits override transmission when set).
4.
If interrupts are desired, then set the TXIE bit
(the GLINTD bit must be clear and the PEIE bit
must be set).
5.
If 9-bit transmission is desired, then set the TX9
bit.
6.
Start transmission by loading data to the
TXREG register.
7.
If 9-bit transmission is selected, the ninth bit
should be loaded in TX9D.
8.
Enable the transmission by setting TXEN.
Writing the transmit data to the TXREG, then enabling
the transmit (setting TXEN) allows transmission to start
sooner then doing these two events in the reverse
order.
Note:
To terminate a transmission, either clear
the SPEN bit, or the TXEN bit. This will
reset the transmit logic, so that it will be in
the
proper
state
when
transmit
is
re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com