Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/PT Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 1 Page - Microchip Technology

  PIC17C44-08/PT Datasheet HTML 1Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 2Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 3Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 4Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 5Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 6Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 7Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 8Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 1
Devices included in this data sheet:
• PIC17CR42
• PIC17C42A
• PIC17C43
• PIC17CR43
• PIC17C44
• PIC17C42†
Microcontroller Core Features:
• Only 58 single word instructions to learn
• All single cycle instructions (121 ns) except for
program branches and table reads/writes which
are two-cycle
• Operating speed:
- DC - 33 MHz clock input
- DC - 121 ns instruction cycle
• Hardware Multiplier
(Not available on the PIC17C42)
• Interrupt capability
• 16 levels deep hardware stack
• Direct, indirect and relative addressing modes
• Internal/External program memory execution
• 64K x 16 addressable program memory space
Peripheral Features:
• 33 I/O pins with individual direction control
• High current sink/source for direct LED drive
- RA2 and RA3 are open drain, high voltage
(12V), high current (60 mA), I/O
• Two capture inputs and two PWM outputs
- Captures are 16-bit, max resolution 160 ns
- PWM resolution is 1- to 10-bit
• TMR0: 16-bit timer/counter with 8-bit programma-
ble prescaler
• TMR1: 8-bit timer/counter
Device
Program Memory
Data Memory
EPROM
ROM
PIC17CR42
-
2K
232
PIC17C42A
2K
-
232
PIC17C43
4K
-
454
PIC17CR43
-
4K
454
PIC17C44
8K
-
454
PIC17C42†
2K
-
232
B
B
Pin Diagram
• TMR2: 8-bit timer/counter
• TMR3: 16-bit timer/counter
• Universal Synchronous Asynchronous Receiver
Transmitter (USART/SCI)
Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Code-protection
• Power saving SLEEP mode
• Selectable oscillator options
CMOS Technology:
• Low-power, high-speed CMOS EPROM/ROM
technology
• Fully static design
• Wide operating voltage range (2.5V to 6.0V)
• Commercial and Industrial Temperature Range
• Low-power consumption
- < 5 mA @ 5V, 4 MHz
- 100
µA typical @ 4.5V, 32 kHz
- < 1
µA typical standby current @ 5V
RD0/AD8
RD1/AD9
RD2/AD10
RD3/AD11
RD4/AD12
RD5/AD13
RD6/AD14
RD7/AD15
MCLR/VPP
VSS
RE0/ALE
RE1/OE
RE2/WR
TEST
RA0/INT
RA1/T0CKI
RA2
RA3
RA4/RX/DT
RA5/TX/CK
VDD
RC0/AD0
RC1/AD1
RC2/AD2
RC3/AD3
RC4/AD4
RC5/AD5
RC6/AD6
RC7/AD7
VSS
RB0/CAP1
RB1/CAP2
RB2/PWM1
RB3/PWM2
RB4/TCLK12
RB5/TCLK3
RB6
RB7
OSC1/CLKIN
OSC2/CLKOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
PDIP, CERDIP, Windowed CERDIP
PIC17C4X
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
†NOT recommended for new designs, use 17C42A.
This document was created with FrameMaker404


Similar Part No. - PIC17C44-08/PT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C44 MICROCHIP-PIC17C44 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
PIC17C44 MICROCHIP-PIC17C44 Datasheet
935Kb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
More results

Similar Description - PIC17C44-08/PT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C5X MICROCHIP-PIC16C5X_02 Datasheet
2Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
2002
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C56-XTI-P MICROCHIP-PIC16C56-XTI-P Datasheet
1Mb / 218P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC16LC55A-04I MICROCHIP-PIC16LC55A-04I Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55-XT MICROCHIP-PIC16C55-XT Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC17C44 MICROCHIP-PIC17C44 Datasheet
935Kb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com