Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/PT Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 9Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 10Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 11Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 12Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 13Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 14Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 15Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 16Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 13
PIC17C4X
PORTD is a bi-directional I/O Port.
RD0/AD8
40
43
15
I/O
TTL
This is also the upper byte of the 16-bit system bus in
microprocessor mode or extended microprocessor mode
or extended microcontroller mode. In multiplexed system
bus configuration these pins are address output as well
as data input or output.
RD1/AD9
39
42
14
I/O
TTL
RD2/AD10
38
41
13
I/O
TTL
RD3/AD11
37
40
12
I/O
TTL
RD4/AD12
36
39
11
I/O
TTL
RD5/AD13
35
38
10
I/O
TTL
RD6/AD14
34
37
9
I/O
TTL
RD7/AD15
33
36
8
I/O
TTL
PORTE is a bi-directional I/O Port.
RE0/ALE
30
32
4
I/O
TTL
In microprocessor mode or extended microcontroller
mode, it is the Address Latch Enable (ALE) output.
Address should be latched on the falling edge of ALE
output.
RE1/OE
29
31
3
I/O
TTL
In microprocessor or extended microcontroller mode, it is
the Output Enable (OE) control output (active low).
RE2/WR
28
30
2
I/O
TTL
In microprocessor or extended microcontroller mode, it is
the Write Enable (WR) control output (active low).
TEST
27
29
1
I
ST
Test mode selection control input. Always tie to VSS for nor-
mal operation.
VSS
10,
31
11,
12,
33, 34
5, 6,
27, 28
P
Ground reference for logic and I/O pins.
VDD
1
1, 44
16, 17
P
Positive supply for logic and I/O pins.
TABLE 3-1:
PINOUT DESCRIPTIONS
Name
DIP
No.
PLCC
No.
QFP
No.
I/O/P
Type
Buffer
Type
Description
Legend: I = Input only; O = Output only; I/O = Input/Output; P = Power; — = Not Used; TTL = TTL input;
ST = Schmitt Trigger input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com