Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM27341
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341 Datasheet(HTML) 5 Page - Texas Instruments

  LM27341_15 Datasheet HTML 1Page - Texas Instruments LM27341_15 Datasheet HTML 2Page - Texas Instruments LM27341_15 Datasheet HTML 3Page - Texas Instruments LM27341_15 Datasheet HTML 4Page - Texas Instruments LM27341_15 Datasheet HTML 5Page - Texas Instruments LM27341_15 Datasheet HTML 6Page - Texas Instruments LM27341_15 Datasheet HTML 7Page - Texas Instruments LM27341_15 Datasheet HTML 8Page - Texas Instruments LM27341_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
Typical Performance Characteristics
All curves taken at VIN = 12V, VBOOST - VSW = 4.3V and TA = 25°C, unless specified otherwise.
Efficiency vs Load Current
Load Transient
VOUT = 5V, fSW = 2 MHz
VOUT = 5V, IOUT = 100 mA - 2A @ slewrate = 2A / µs
Refer to Figure 40
Refer to Figure 40
Figure 5.
Figure 6.
Efficiency vs Load Current
Load Transient
VOUT = 3.3V, fSW = 2 MHz
VOUT = 3.3V, IOUT = 100 mA - 2A @ slewrate = 2A / µs
Refer to Figure 46
Refer to Figure 46
Figure 7.
Figure 8.
Efficiency vs Load Current
Load Transient
VOUT = 1.8V, fSW = 2 MHz
VOUT = 1.8V, IOUT = 100 mA - 2A @ slewrate = 2A / µs
Refer to Figure 55
Refer to Figure 55
Figure 9.
Figure 10.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com