Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM27341
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM27341_15 Datasheet HTML 16Page - Texas Instruments LM27341_15 Datasheet HTML 17Page - Texas Instruments LM27341_15 Datasheet HTML 18Page - Texas Instruments LM27341_15 Datasheet HTML 19Page - Texas Instruments LM27341_15 Datasheet HTML 20Page - Texas Instruments LM27341_15 Datasheet HTML 21Page - Texas Instruments LM27341_15 Datasheet HTML 22Page - Texas Instruments LM27341_15 Datasheet HTML 23Page - Texas Instruments LM27341_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
K =
=
POUT
POUT + PLOSS
6.6 W
6.6 W + 1.499 W
= 81 %
LM27341, LM27342, LM27341-Q1, LM27342-Q1
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
www.ti.com
TOTAL POWER LOSSES
Total power losses are:
PLOSS = PCOND + PSWR + PSWF + PQ + PBOOST + PDIODE + PIND
(37)
Losses internal to the LM27341/LM27342 are:
PINTERNAL = PCOND + PSWR + PSWF + PQ + PBOOST
(38)
EFFICIENCY CALCULATION EXAMPLE
Operating conditions are:
VIN = 12V
VOUT = 3.3V
IOUT = 2A
fSW = 2 MHz
VD1 = 0.5V
RDCR = 20 mΩ
Internal Power Losses are:
PCOND = IOUT
2 x R
DSON x D
= 2
2 x 0.15Ω x 0.314
= 188 mW
(39)
PSW = (VIN x IOUT x fSW x tFALL)
= (12V x 2A x 2 MHz x 10ns)
= 480 mW
(40)
PQ = IQ x VIN
= 2.4 mA x 12V
= 29 mW
(41)
PBOOST = IBOOST x VBOOST
= 8.2 mA x 4.5V
= 37 mW
(42)
PINTERNAL = PCOND + PSW + PQ + PBOOST= 733 mW
(43)
Total Power Losses are:
PDIODE = VD1 x IOUT (1 - D)
= 0.5V x 2 x (1 - 0.314)
= 686 mW
(44)
PIND = IOUT
2 x R
DCR
= 2
2 x 20 mΩ
= 80 mW
(45)
PLOSS = PINTERNAL + PDIODE + PIND = 1.499 W
(46)
The efficiency can now be estimated as:
(47)
With this information we can estimate the junction temperature of the LM27341/LM27342.
CALCULATING THE LM27341/LM27342 JUNCTION TEMPERATURE
Thermal Definitions:
TJ = IC junction temperature
TA = Ambient temperature
RθJC = Thermal resistance from IC junction to device case
RθJA = Thermal resistance from IC junction to ambient air
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com