Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM27341
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM27341_15 Datasheet HTML 14Page - Texas Instruments LM27341_15 Datasheet HTML 15Page - Texas Instruments LM27341_15 Datasheet HTML 16Page - Texas Instruments LM27341_15 Datasheet HTML 17Page - Texas Instruments LM27341_15 Datasheet HTML 18Page - Texas Instruments LM27341_15 Datasheet HTML 19Page - Texas Instruments LM27341_15 Datasheet HTML 20Page - Texas Instruments LM27341_15 Datasheet HTML 21Page - Texas Instruments LM27341_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
D =
VOUT + VD1
VIN + VD1 - VDS
K =
POUT
POUT + PLOSS
K =
POUT
PIN
CFF <=
VOUT x COUT
IOUT x R1
R
1 =
VOUT
- 1
VREF
x R2
LM27341, LM27342, LM27341-Q1, LM27342-Q1
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
www.ti.com
CATCH DIODE
The catch diode (D1) conducts during the switch off-time. A Schottky diode is recommended for its fast switching
times and low forward voltage drop. The catch diode should be chosen so that its current rating is greater than:
ID1 = IOUT x (1-D)
(21)
The reverse breakdown rating of the diode must be at least the maximum input voltage plus appropriate margin.
To improve efficiency choose a Schottky diode with a low forward voltage drop.
BOOST DIODE (OPTIONAL)
For circuits with input voltages VIN < 5V and duty cycles (D) >0.75V. a small-signal Schottky diode is
recommended. A good choice is the BAT54 small signal diode. The cathode of the diode is connected to the
BOOST pin and the anode to a 5V voltage rail.
BOOST CAPACITOR
A ceramic 0.1 µF capacitor with a voltage rating of at least 6.3V is sufficient. The X7R and X5R MLCCs provide
the best performance.
OUTPUT VOLTAGE
The output voltage is set using the following equation where R2 is connected between the FB pin and GND, and
R1 is connected between VOUT and the FB pin. A good starting value for R2 is 1 kΩ.
(22)
FEED FORWARD CAPACITOR (OPTIONAL)
A feed forward capacitor CFF can improve the transient response of the converter. Place CFF in parallel with R1.
The value of CFF should place a zero in the loop response at, or above, the pole of the output capacitor and
RLOAD. The CFF capacitor will increase the crossover frequency of the design, thus a larger minimum output
capacitance is required for designs using CFF. CFF should only be used with an output capacitance greater than
or equal to 44 uF.
(23)
Calculating Efficiency, and Junction Temperature
The complete LM27341/LM27342 DC-DC converter efficiency can be calculated in the following manner.
(24)
Or
(25)
Calculations for determining the most significant power losses are shown below. Other losses totaling less than
2% are not discussed.
Power loss (PLOSS) is the sum of two basic types of losses in the converter, switching and conduction.
Conduction losses usually dominate at higher output loads, where as switching losses remain relatively fixed and
dominate at lower output loads. The first step in determining the losses is to calculate the duty cycle (D).
(26)
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com