Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM27341
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341 Datasheet(HTML) 3 Page - Texas Instruments

  LM27341_15 Datasheet HTML 1Page - Texas Instruments LM27341_15 Datasheet HTML 2Page - Texas Instruments LM27341_15 Datasheet HTML 3Page - Texas Instruments LM27341_15 Datasheet HTML 4Page - Texas Instruments LM27341_15 Datasheet HTML 5Page - Texas Instruments LM27341_15 Datasheet HTML 6Page - Texas Instruments LM27341_15 Datasheet HTML 7Page - Texas Instruments LM27341_15 Datasheet HTML 8Page - Texas Instruments LM27341_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
AVIN, PVIN
-0.5V to 24V
SW Voltage
-0.5V to 24V
Boost Voltage
-0.5V to 28V
Boost to SW Voltage
-0.5V to 6.0V
FB Voltage
-0.5V to 3.0V
SYNC Voltage
-0.5V to 6.0V
EN Voltage
-0.5V to (VIN + 0.3V)
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
ESD Susceptibility(3)
2kV
Soldering Information
Infrared Reflow (5sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the recommended Operating Ratings is not implied. The recommended Operating Ratings
indicate conditions at which the device is functional and should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
Operating Ratings
(1)
AVIN, PVIN
3V to 20V
SW Voltage
-0.5V to 20V
Boost Voltage
-0.5V to 24V
Boost to SW Voltage
3.0V to 5.5V
Junction Temperature Range
−40°C to +125°C
Thermal Resistance (
θJA) SON
(2)
33°C/W
Thermal Resistance (
θJA) MSOP-PowerPad
(2)
45°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the recommended Operating Ratings is not implied. The recommended Operating Ratings
indicate conditions at which the device is functional and should not be operated beyond such conditions.
(2)
Thermal shutdown will occur if the junction temperature exceeds 165°C. The maximum power dissipation is a function of TJ(MAX) , θJA
and TA . The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/θJA . All numbers apply for
packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com