Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 23 Page - Texas Instruments

Part # LM27341
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM27341_15 Datasheet HTML 19Page - Texas Instruments LM27341_15 Datasheet HTML 20Page - Texas Instruments LM27341_15 Datasheet HTML 21Page - Texas Instruments LM27341_15 Datasheet HTML 22Page - Texas Instruments LM27341_15 Datasheet HTML 23Page - Texas Instruments LM27341_15 Datasheet HTML 24Page - Texas Instruments LM27341_15 Datasheet HTML 25Page - Texas Instruments LM27341_15 Datasheet HTML 26Page - Texas Instruments LM27341_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
RTJA =
165
oC - TA
PINTERNAL
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
METHOD 2 EXAMPLE
The operating conditions are the same as the previous Efficiency Calculation:
VIN = 12V
VOUT = 3.3V
IOUT = 2A
fSW = 2 MHz
VD1 = 0.5V
RDCR = 20 mΩ
Internal Power Losses are:
PCOND = IOUT
2 x R
DSON x D
= 2
2 x 0.15Ω x 0.314
= 188 mW
(52)
PSW = (VIN x IOUT x fSW x tFALL)
= (12V x 2A x 2 MHz x 10ns)
= 480 mW
(53)
PQ = IQ x VIN
= 1.5 mA x 12V
= 29 mW
(54)
PBOOST = IBOOST x VBOOST
= 7 mA x 4.5V
= 37 mW
(55)
PINTERNAL = PCOND + PSW + PQ + PBOOST = 733 mW
(56)
The junction temperature can now be estimated as:
TJ = (RθJC x PINTERNAL) + TC
(57)
A
Texas
Instruments
MSOP-PowerPad
evaluation
board
was
used
to
determine
the
TJ of the
LM27341/LM27342. The four layer PCB is constructed using FR4 with 2oz copper traces. There is a ground
plane on the internal layer directly beneath the device, and a ground plane on the bottom layer. The ground
plane is accessed by fourteen 10 mil vias. The board measures 2in x 2in (50.8mm x 50.8mm). It was placed in a
container with no airflow. The case temperature measured on this LM27342MY Demo Board was 48.7°C.
Therefore,
TJ = (9.5 °C/W x 733 mW) + 48.7 °C
(58)
TJ = 55.66 °C
(59)
To keep the Junction temperature below 125 °C for this layout, the ambient temperature must stay below 94.33
°C.
TA_MAX = TJ_MAX - TJ +TA
(60)
TA_MAX = 125 °C - 55.66 °C + 25 °C
(61)
TA_MAX = 94.33 °C
(62)
Method 3:
The third method can also give a very accurate estimate of silicon junction temperature. The first step is to
determine RθJA of the application. The LM27341/LM27342 has over-temperature protection circuitry. When the
silicon temperature reaches 165 °C, the device stops switching. The protection circuitry has a hysteresis of 15
°C. Once the silicon temperature has decreased to approximately 150 °C, the device will start to switch again.
Knowing this, the RθJA for any PCB can be characterized during the early stages of the design by raising the
ambient temperature in the given application until the circuit enters thermal shutdown. If the SW-pin is monitored,
it will be obvious when the internal NFET stops switching indicating a junction temperature of 165 °C. We can
calculate the internal power dissipation from the above methods. All that is needed for calculation is the estimate
of RDSON at 165 °C. This can be extracted from the graph of RDSON vs. Temperature. The value is approximately
0.267 ohms. With this, the junction temperature, and the ambient temperature RθJA can be determined.
(63)
Once this is determined, the maximum ambient temperature allowed for a desired junction temperature can be
found.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com