Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM27341
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM27341_15 Datasheet HTML 15Page - Texas Instruments LM27341_15 Datasheet HTML 16Page - Texas Instruments LM27341_15 Datasheet HTML 17Page - Texas Instruments LM27341_15 Datasheet HTML 18Page - Texas Instruments LM27341_15 Datasheet HTML 19Page - Texas Instruments LM27341_15 Datasheet HTML 20Page - Texas Instruments LM27341_15 Datasheet HTML 21Page - Texas Instruments LM27341_15 Datasheet HTML 22Page - Texas Instruments LM27341_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
D =
VOUT + VD1 + VDCR
VIN + VD1 - VDS
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
VDS is the voltage drop across the internal NFET when it is on, and is equal to:
VDS = IOUT x RDSON
(27)
VD is the forward voltage drop across the Schottky diode. It can be obtained from the Electrical Characteristics
section of the schottky diode datasheet. If the voltage drop across the inductor (VDCR) is accounted for, the
equation becomes:
(28)
VDCR usually gives only a minor duty cycle change, and has been omitted in the examples for simplicity.
SCHOTTKY DIODE CONDUCTION LOSSES
The conduction losses in the free-wheeling Schottky diode are calculated as follows:
PDIODE = VD1 x IOUT (1-D)
(29)
Often this is the single most significant power loss in the circuit. Care should be taken to choose a Schottky
diode that has a low forward voltage drop.
INDUCTOR CONDUCTION LOSSES
Another significant external power loss is the conduction loss in the output inductor. The equation can be
simplified to:
PIND = IOUT
2 x R
DCR
(30)
MOSFET CONDUCTION LOSSES
The LM27341/LM27342 conduction loss is mainly associated with the internal NFET:
PCOND = IOUT
2 x R
DSON x D
(31)
MOSFET SWITCHING LOSSES
Switching losses are also associated with the internal NFET. They occur during the switch on and off transition
periods, where voltages and currents overlap resulting in power loss. The simplest means to determine this loss
is to empirically measuring the rise and fall times (10% to 90%) of the switch at the switch node:
PSWF = 1/2(VIN x IOUT x fSW x tFALL)
(32)
PSWR = 1/2(VIN x IOUT x fSW x tRISE)
(33)
PSW = PSWF + PSWR
(34)
Table 1. Typical Rise and Fall Times vs Input Voltage
VIN
tRISE
tFALL
5V
8ns
8ns
10V
9ns
9ns
15V
10ns
10ns
IC QUIESCENT LOSSES
Another loss is the power required for operation of the internal circuitry:
PQ = IQ x VIN
(35)
IQ is the quiescent operating current, and is typically around 2.4 mA.
MOSFET DRIVER LOSSES
The other operating power that needs to be calculated is that required to drive the internal NFET:
PBOOST = IBOOST x VBOOST
(36)
VBOOST is normally between 3VDC and 5VDC. The IBOOST rms current is dependant on switching frequency fSW.
IBOOST is approximately 8.2 mA at 2 MHz and 4.4 mA at 1 MHz.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com