Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS53353
Description  TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53353 Datasheet(HTML) 5 Page - Texas Instruments

  TPS53353_15 Datasheet HTML 1Page - Texas Instruments TPS53353_15 Datasheet HTML 2Page - Texas Instruments TPS53353_15 Datasheet HTML 3Page - Texas Instruments TPS53353_15 Datasheet HTML 4Page - Texas Instruments TPS53353_15 Datasheet HTML 5Page - Texas Instruments TPS53353_15 Datasheet HTML 6Page - Texas Instruments TPS53353_15 Datasheet HTML 7Page - Texas Instruments TPS53353_15 Datasheet HTML 8Page - Texas Instruments TPS53353_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS53353
www.ti.com
SLUSAK2B – AUGUST 2011 – REVISED FEBRUARY 2015
6.4 Thermal Information
TPS53353
THERMAL METRIC(1)
DQP (LSON-CLIP)
UNIT
22 PINS
θJA
Junction-to-ambient thermal resistance
27.2
θJCtop
Junction-to-case (top) thermal resistance
17.1
θJB
Junction-to-board thermal resistance
5.9
°C/W
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
5.8
θJCbot
Junction-to-case (bottom) thermal resistance
1.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Over recommended free-air temperature range, VVDD= 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN pin power conversion input
VVIN
1.5
15
V
voltage
VVDD
Supply input voltage
4.5
25
V
IVIN(leak)
VIN pin leakage current
VEN = 0 V
1
µA
IVDD
VDD supply current
TA = 25°C, No load, VEN = 5 V, VVFB = 0.630 V
420
590
µA
IVDDSDN
VDD shutdown current
TA = 25°C, No load, VEN = 0 V
10
µA
INTERNAL REFERENCE VOLTAGE
VVFB
VFB regulation voltage
CCM condition(1)
0.6
V
TA = 25°C
0.597
0.6
0.603
VVFB
VFB regulation voltage
0°C
≤ TA ≤ 85°C
0.5952
0.6
0.6048
V
–40°C
≤ TA ≤ 85°C
0.594
0.6
0.606
IVFB
VFB input current
VVFB = 0.630 V, TA = 25°C
0.01
0.2
µA
LDO OUTPUT
VVREG
LDO output voltage
0 mA
≤ IVREG ≤ 30 mA
4.77
5
5.36
V
IVREG
LDO output current(1)
Maximum current allowed from LDO
30
mA
VDO
Low drop out voltage
VVDD = 4.5 V, IVREG = 30 mA
230
mV
BOOT STRAP SWITCH
VFBST
Forward voltage
VVREG-VBST, IF = 10 mA, TA = 25°C
0.1
0.2
V
IVBSTLK
VBST leakage current
VVBST = 23 V, VSW = 17 V, TA = 25°C
0.01
1.5
µA
DUTY AND FREQUENCY CONTROL
tOFF(min)
Minimum off time
TA = 25°C
150
260
400
ns
VIN = 17 V, VOUT = 0.6 V, RRF = 39 kΩ,
tON(min)
Minimum on time
35
ns
TA = 25 °C
(1)
SOFT START
RMODE = 39 kΩ
0.7
RMODE = 100 kΩ
1.4
Internal soft-start time from
tSS
ms
VOUT = 0 V to 95% of VOUT
RMODE = 200 kΩ
2.8
RMODE = 470 kΩ
5.6
INTERNAL MOSFETs
RDS(on)H
High-side MOSFET on-resistance
TA = 25 °C
5.5
m
Ω
RDS(on)L
Low-side MOSFET on-resistance
TA = 25 °C
2.2
(1)
Ensured by design. Not production tested.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS53353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com