Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS53353
Description  TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53353 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS53353_15 Datasheet HTML 20Page - Texas Instruments TPS53353_15 Datasheet HTML 21Page - Texas Instruments TPS53353_15 Datasheet HTML 22Page - Texas Instruments TPS53353_15 Datasheet HTML 23Page - Texas Instruments TPS53353_15 Datasheet HTML 24Page - Texas Instruments TPS53353_15 Datasheet HTML 25Page - Texas Instruments TPS53353_15 Datasheet HTML 26Page - Texas Instruments TPS53353_15 Datasheet HTML 27Page - Texas Instruments TPS53353_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
(
)
(
)
æ
ö
-
´
æ
ö
-
´
´
´
W
ç
÷
ç
÷
ç
÷
´ ´
è
ø
è
ø
W =
m
IN
OUT
OUT
OCP
DS(on)
SW
IN
TRIP
TRIP
V
V
V
1
I
32 R
m
2 L f
V
R
(k )
I
( A)
(
)
( )
(
)
(
)
(
)
-
´
=
+
´
´
´
IN
OUT
OUT
max
TRIP
IND peak
SW
IN
DS on
max
V
V
V
V
1
I
32 R
L f
V
(
)
(
)
(
)
(
)
(
)
(
)
(
)
-
´
-
´
=
´
=
´
´
´
IN
OUT
OUT
IN
OUT
OUT
max
max
SW
IN
OUT
SW
IN(max)
IND ripple
max
max
V
V
V
V
V
V
1
3
L
I
f
V
I
f
V
TPS53353
SLUSAK2B – AUGUST 2011 – REVISED FEBRUARY 2015
www.ti.com
8.2.2.2 Detailed Design Procedure
8.2.2.2.1
External Component Selection
Refer to the External Component Selection Using All Ceramic Output Capacitors section for guidelines for this
design with all ceramic output capacitors.
The external components selection is a simple process when using organic semiconductors or special polymer
output capacitors.
1. SELECT OPERATION MODE AND SOFT-START TIME
Select operation mode and soft-start time using Table 3.
2. SELECT SWITCHING FREQUENCY
Select the switching frequency from 250 kHz to 1 MHz using Table 1.
3. CHOOSE THE INDUCTOR
The inductance value should be determined to give the ripple current of approximately 1/4 to 1/2 of maximum
output current. Larger ripple current increases output ripple voltage and improves signal-to-noise ratio and
helps ensure stable operation, but increases inductor core loss. Using 1/3 ripple current to maximum output
current ratio, the inductance can be determined by Equation 8.
(13)
The inductor requires a low DCR to achieve good efficiency. It also requires enough room above peak
inductor current before saturation. The peak inductor current can be estimated in Equation 9.
(14)
4. EXTERNAL COMPONENT SELECTION WITH ALL CERAMIC OUTPUT CAPACITORS
Refer to the External Component Selection Using All Ceramic Output Capacitors section to select external
components because ceramic output capacitors are used in this design.
5. CHOOSE THE OVERCURRENT SETTING RESISTOR
The overcurrent setting resistor, RTRIP, can be determined by .
where
ITRIP is the TRIP pin sourcing current (10 µA).
RDS(on) is the thermally compensated on-time resistance value of the low-side MOSFET.
(15)
Use an RDS(on) value of 1.6 mΩ for an overcurrent level of approximately 20 A. Use an RDS(on) value of
1.7 m
Ω for overcurrent level of approximately 10 A.
8.2.2.2.2
External Component Selection Using All Ceramic Output Capacitors
When a ceramic output capacitor is used, the stability criteria in Equation 6 cannot be satisfied. The ripple
injection approach as shown in Figure 41 is implemented to increase the ripple on the VFB pin and make the
system stable. In addition to the selections made using Steps 1 through Step 6 in the section, the ripple injection
components must be selected. The C2 value can be fixed at 1 nF. The value of C1 can be selected from 10 nF
to 200 nF.
24
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com