Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS53353
Description  TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53353 Datasheet(HTML) 3 Page - Texas Instruments

  TPS53353_15 Datasheet HTML 1Page - Texas Instruments TPS53353_15 Datasheet HTML 2Page - Texas Instruments TPS53353_15 Datasheet HTML 3Page - Texas Instruments TPS53353_15 Datasheet HTML 4Page - Texas Instruments TPS53353_15 Datasheet HTML 5Page - Texas Instruments TPS53353_15 Datasheet HTML 6Page - Texas Instruments TPS53353_15 Datasheet HTML 7Page - Texas Instruments TPS53353_15 Datasheet HTML 8Page - Texas Instruments TPS53353_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
VFB
EN
PGOOD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
GND
PowerPad
TM
18
19
20
21
22
VBST
TRIP
MODE
N/C
LL
LL
LL
LL
LL
LL
RF
VDD
VREG
VIN
VIN
VIN
VIN
VIN
VIN
TPS53353
www.ti.com
SLUSAK2B – AUGUST 2011 – REVISED FEBRUARY 2015
5 Pin Configuration and Functions
DQP Package
22-Pins LSON-CLIP
Top View
(1)
N/C = no connection
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
EN
2
I
Enable pin.Typical turnon threshold voltage is 1.2 V. Typical turnoff threshold voltage is 0.95 V.
GND
G
Ground and thermal pad of the device. Use proper number of vias to connect to ground plane.
6
7
8
LL
B
Output of converted power. Connect this pin to the output Inductor.
9
10
11
Soft-start and Skip/CCM selection. Connect a resistor to select soft-start time using Table 3. The soft-start
MODE
20
I
time is detected and stored into internal register during start-up.
N/C
5
No connect.
Open drain power good flag. Provides 1-ms start-up delay after VFB falls in specified limits. When VFB
PGOOD
3
O
goes out of the specified limits PGOOD goes low after a 2-µs delay
Switching frequency selection. Connect a resistor to GND or VREG to select switching frequency using
RF
22
I
Table 1. The switching frequency is detected and stored during the startup.
OCL detection threshold setting pin. ITRIP = 10 µA at room temperature, 4700 ppm/°C current is sourced
and set the OCL trip voltage as follows.
TRIP
21
I
space VOCL=VTRIP/32
(VTRIP ≤ 1.2 V, VOCL ≤ 37.5 mV)
Supply input for high-side FET gate driver (boost terminal). Connect capacitor from this pin to LL node.
VBST
4
P
Internally connected to VREG via bootstrap MOSFET switch.
VDD
19
P
Controller power supply input. VDD input voltage range is from 4.5 V to 25 V.
VFB
1
I
Output feedback input. Connect this pin to Vout through a resistor divider.
12
13
14
VIN
P
Conversion power input.The conversion input voltage range is from 1.5 V to 15 V.
15
16
17
VREG
18
P
5-V low drop out (LDO) output. Supplies the internal analog circuitry and driver circuitry.
(1)
I=Input, O=Output, B=Bidirectional, P=Supply, G=Ground
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS53353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com