Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS53353
Description  TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53353 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53353_15 Datasheet HTML 2Page - Texas Instruments TPS53353_15 Datasheet HTML 3Page - Texas Instruments TPS53353_15 Datasheet HTML 4Page - Texas Instruments TPS53353_15 Datasheet HTML 5Page - Texas Instruments TPS53353_15 Datasheet HTML 6Page - Texas Instruments TPS53353_15 Datasheet HTML 7Page - Texas Instruments TPS53353_15 Datasheet HTML 8Page - Texas Instruments TPS53353_15 Datasheet HTML 9Page - Texas Instruments TPS53353_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TPS53353
SLUSAK2B – AUGUST 2011 – REVISED FEBRUARY 2015
www.ti.com
Electrical Characteristics (continued)
Over recommended free-air temperature range, VVDD= 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWERGOOD
PG in from lower
92.5%
95%
98.5%
VTHPG
PG threshold
PG in from higher
107.5%
110%
112.5%
PG hysteresis
2.5%
5%
7.5%
RPG
PG transistor on-resistance
15
30
55
Ω
tPGDEL
PG delay
Delay for PG in
0.8
1
1.2
ms
LOGIC THRESHOLD AND SETTING CONDITIONS
Enable
1.8
VEN
EN Voltage
V
Disable
0.6
IEN
EN Input current
VEN = 5 V
1
µA
RRF = 0 Ω to GND, TA = 25°C
(2)
200
250
300
RRF = 187 kΩ to GND, TA = 25°C
(2)
250
300
350
RRF = 619 kΩ, to GND, TA = 25°C
(2)
350
400
450
RRF = Open, TA= 25°C
(2)
450
500
550
fSW
Switching frequency
kHz
RRF = 866 kΩ to VREG, TA = 25°C
(2)
580
650
720
RRF = 309 kΩ to VREG, TA = 25°C
(2)
670
750
820
RRF = 124 kΩ to VREG, TA = 25°C
(2)
770
850
930
RRF = 0 Ω to VREG, TA = 25°C
(2)
880
970
1070
PROTECTION: CURRENT SENSE
ITRIP
TRIP source current
VTRIP = 1 V, TA = 25°C
9.4
10
10.6
µA
TRIP current temperature
TCITRIP
On the basis of 25°C(1)
4700
ppm/°C
coeffficient
Current limit threshold setting
VTRIP
VTRIP-GND
0.4
1.2
V
range
VTRIP = 1.2 V
32
37.5
43
VOCL
Current limit threshold
mV
VTRIP = 0.4
7.5
12.5
17.5
VTRIP = 1.2 V
–160
–150
–140
VOCLN
Negative current limit threshold
mV
VTRIP = 0.4 V
–58
–50
–42
Positive
3
15
VAZCADJ
Auto zero cross adjustable range
mV
Negative
–15
–3
PROTECTION: UVP and OVP
VOVP
OVP trip threshold
OVP detect
115%
120%
125%
tOVPDEL
OVP proprogation delay
VFB delay with 50-mV overdrive
1
µs
VUVP
Output UVP trip threshold
UVP detect
65%
70%
75%
tUVPDEL
Output UVP proprogation delay
0.8
1
1.2
ms
tUVPEN
Output UVP enable delay
From enable to UVP workable
1.8
2.6
3.2
ms
UVLO
Wake up
4
4.2
4.33
VUVVREG
VREG UVLO threshold
V
Hysteresis
0.25
THERMAL SHUTDOWN
Shutdown temperature(1)
145
TSDN
Thermal shutdown threshold
°C
Hysteresis(1)
10
(2)
Not production tested. Test condition is VIN= 12 V, VOUT= 1.1 V, IOUT = 10 A using application circuit shown in Figure 38.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com