Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS53353
Description  TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53353 Datasheet(HTML) 2 Page - Texas Instruments

  TPS53353_15 Datasheet HTML 1Page - Texas Instruments TPS53353_15 Datasheet HTML 2Page - Texas Instruments TPS53353_15 Datasheet HTML 3Page - Texas Instruments TPS53353_15 Datasheet HTML 4Page - Texas Instruments TPS53353_15 Datasheet HTML 5Page - Texas Instruments TPS53353_15 Datasheet HTML 6Page - Texas Instruments TPS53353_15 Datasheet HTML 7Page - Texas Instruments TPS53353_15 Datasheet HTML 8Page - Texas Instruments TPS53353_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPS53353
SLUSAK2B – AUGUST 2011 – REVISED FEBRUARY 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 14
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 17
2
Applications ........................................................... 1
8
Application and Implementation ........................ 20
3
Description ............................................................. 1
8.1
Application Information............................................ 20
4
Revision History..................................................... 2
8.2
Typical Applications ................................................ 20
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 27
6
Specifications......................................................... 4
10
Layout................................................................... 27
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 27
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 28
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 29
6.4
Thermal Information .................................................. 5
11.1
Trademarks ........................................................... 29
6.5
Electrical Characteristics........................................... 5
11.2
Electrostatic Discharge Caution ............................ 29
6.6
Typical Characteristics .............................................. 7
11.3
Glossary ................................................................ 29
7
Detailed Description ............................................ 13
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 13
Information ........................................................... 29
7.2
Functional Block Diagram ....................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2012) to Revision B
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Original (AUGUST 2011) to Revision A
Page
Changed conversion input voltage from "3 V" to "1.5 V"........................................................................................................ 1
Changed VIN input voltage range minimum from "3 V" to "1.5 V" ......................................................................................... 3
Changed to correct typographical error in THERMAL INFORMATION table......................................................................... 4
Changed VIN (main supply) input voltage range minimum from "3 V' to "1.5 V" in Recommended Operating Conditions... 4
Changed conversion input voltage range from "3 V" to "1.5" in Overview ........................................................................... 13
Added note to the Feature Description................................................................................................................................. 14
Changed "ripple injection capacitor" to "ripple injection resistor" in the last bullet of the section ........................................ 27
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com