Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS53353
Description  TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53353 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53353_15 Datasheet HTML 6Page - Texas Instruments TPS53353_15 Datasheet HTML 7Page - Texas Instruments TPS53353_15 Datasheet HTML 8Page - Texas Instruments TPS53353_15 Datasheet HTML 9Page - Texas Instruments TPS53353_15 Datasheet HTML 10Page - Texas Instruments TPS53353_15 Datasheet HTML 11Page - Texas Instruments TPS53353_15 Datasheet HTML 12Page - Texas Instruments TPS53353_15 Datasheet HTML 13Page - Texas Instruments TPS53353_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Time (10 ms/div)
IOUT from 20 A to 25 A
VIN = 12 V
VOUT (1 V/div)
LL (10 V/div)
IL (10 A/div)
PGOOD (5 V/div)
Time (10 ms/div)
IOUT 2 A then Short Output
VIN = 12 V
VOUT (1 V/div)
LL (10 V/div)
IL (10 A/div)
IOUT (25 A/div)
FCCM
V
IN = 12 V, VOUT = 1.1 V
I
OUT from 0 A to 10 A, 2.5 A/ms
Time (100 ms/div)
V
OUT (20 mV/div)
I
OUT (5 A/div)
Skip Mode
V
IN = 12 V, VOUT = 1.1 V
I
OUT from 0 A to 10 A, 2.5 A/ms
Time (100 ms/div)
V
OUT (20 mV/div)
I
OUT (5 A/div)
Time (200 ms/div)
LL (5 V/div)
V
OUT (20 mV/div)
I
L (5 A/div)
Skip Mode
V
IN = 12 V
V
OUT = 1.1 V
Skip Mode
V
IN = 12 V
V
OUT = 1.1 V
Time (200 ms/div)
LL (5 V/div)
V
OUT (20 mV/div)
I
L (5 A/div)
TPS53353
SLUSAK2B – AUGUST 2011 – REVISED FEBRUARY 2015
www.ti.com
Typical Characteristics (continued)
Figure 19. CCM-to-DCM Transition Waveforms
Figure 20. DCM-to-CCM Transition Waveforms
Figure 22. Skip Mode Load Transeint
Figure 21. FCCM Load Transient
Figure 24. Output Short-Circuit Protection Waveforms
Figure 23. Overcurrent Protection Waveforms
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com