Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP171 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AXP171
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP171 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AXP171 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 13/41
Enhanced single Cell Li-Battery and Power System Management IC
AXP171
7.管脚定义(Pin Description)
Num
Name
Type
Condition
Function Description
1
IRQ/
N_CHGEN
O
SIEN=1
IRQ output
I
SIEN=0
It is charger enable pin
GND -charger enable; High-charger disable
2
SDA/
N_HOLDEN
IO
SIEN=1
TWSI Data Signal,pull high to 3.3V IO Power through an
2.2K Resistor
I
SIEN=0
N_HOLDEN: GND-Hold enable; High-not hold
3
SCK
I
TWSI Clock Signal,pull high to 3.3V IO Power through an
2.2K Resistor
4
PWROK
O
Power good indication
5
VIN2
PI
DCDC2 input source
6
LX2
IO
Inductor Pin for DCDC2
7
PGND2
G
NMOS Ground for DCDC2
8
DCDC2
I
DC-DC2 feedback pin
9
LDO3
O
Output Pin of LDO3
10
LDO2
O
Output Pin of LDO2
11
LDOIN
PI
Input to LDO2 and LDO3
12
LDO4
I
Output Pin of LDO4
13
APS
PI
Internal Power Input
14
PWRON
I
Power On-Off key input,Internal 100k pull high to APS
15
BIAS
IO
External 200Kohm 1% resistor
16
VREF
O
Internal reference voltage,1.25V
17
VINT
PO
Internal logic power, 2.5V
18
PWREN
I
Power Rail Enable Signal
19
LDO1
O
LDO1 output,for Host RTC block
20
VBUS
PI
USB VBUS input
21
ACIN
PI
Adapter input
22,23
BAT
IO
Main Battery
24
CHGLED
O
charger status indication
25
TS
I
Battery Temperature sensor input or an external ADC input
26,27
IPSOUT
PO
System power source
28
EXTEN
O
External power module enable
29
VIN1
PI
DCDC1 input source
30
LX1
IO
Inductor Pin for DCDC1
31
PGND1
G
NMOS Ground for DCDC1
32
DCDC1
I
DCDC1 feedback pin
33
GND
G
Thermal Ground
批注 [j3]: 新增



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com