Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP171 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AXP171
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP171 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AXP171 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 35/41
Enhanced single Cell Li-Battery and Power System Management IC
AXP171
1
APS 电压 ADC 使能
RW
1
0
TS 管脚 ADC 功能使能
RW
1
REG 83H: ADC 使能 2
默认值:80H
Bit
描述
R/W
默认值
7
AXP171 内部温度监测 ADC 使能
0:关闭, 1:打开
RW
1
6-0
保留
REG 84H: ADC 采样速率设置,TS 管脚控制
默认值:32H
Bit
描述
R/W
默认值
7
ADC 采样速率设置 Bit 1
25×2
n
采样率分别为 25, 50, 100, 200Hz
RW
0
6
ADC 采样速率设置 Bit 0
RW
0
5-4
TS 管脚输出电流设置:
00:20uA; 01:40uA; 10:60uA; 11:80uA
RW
11
3
保留
2
TS 管脚功能选择
0:电池温度监测功能,1:外部独立的 ADC 输入通路
RW
0
1-0
TS 管脚电流输出方式设置
00:关闭
01:充电时输出电流
10:ADC 采样时输入,可以省电
11:一直打开
RW
1
RW
0
REG 8AH: 定时器控制
默认值:00H
Bit
描述
R/W
默认值
7
定时器超时
写 1 清除此状态
RW
0
6-0
设置定时时间,单位为分
写全 0 则关闭此定时器
RW
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com