Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP171 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AXP171
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP171 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AXP171 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 33/41
Enhanced single Cell Li-Battery and Power System Management IC
AXP171
REG 37H: DC-DC 工作频率设置
默认值:08H
Bit
描述
R/W
默认值
7-4
保留
3-0
DC-DC 开关频率设置
每一级改变 5%,默认值 1.5MHz
RW
1
REG 38H: VLTF-charge 电池充电低温门限设置
默认值:A5H
Bit
描述
R/W
默认值
7-0
充电时电池低温门限设置,M
M*10H,当 M=A5H 时对应 2.112V;可
对应电压 0V~3.264V
RW
A5H
VLTF-charge = M *10H * 0.0008V
REG 39H: VHTF-charge 电池充电高温门限设置
默认值:1FH
Bit
描述
R/W
默认值
7-0
充电时电池高温门限设置,N
N*10H,当 N=1FH,对应 0.397V;可
对应电压 0V~3.264V
RW
1FH
VHTF-charge = N *10H * 0.0008V
REG 3AH: APS 低电级别 1
默认值:68H
Bit
描述
R/W
默认值
7-0
APS 低电设置级别 1
RW
68H
REG 3BH: APS 低电级别 2
默认值:5FH
Bit
描述
R/W
默认值
7-0
APS 低电设置级别 2
RW
5FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com