Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP171 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AXP171
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP171 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AXP171 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 28/41
Enhanced single Cell Li-Battery and Power System Management IC
AXP171
7
ACIN 存在指示
0:ACIN 不存在;1:ACIN 存在
R
6
指示 ACIN 是否可用
R
5
VBUS 存在指示
0:VBUS 不存在;1:VBUS 存在
R
4
指示 VBUS 是否可用
R
3
指示 VBUS 接入在使用之前是否大于 V
HOLD
R
2
指示电池电流方向
0:电池在放电;1:电池被充电
R
1
指示 ACIN 和 VBUS 输入是否在 PCB 被短接
R
0
指示启动源是否为 ACIN 或 VBUS
0:启动源为 ACIN/VBUS; 1:启动源非 ACIN/VBUS
R
REG 01H: 电源工作模式以及充电状态指示
Bit
描述
R/W
7
指示 AXP171 是否过温
0:未过温; 1:过温
R
6
充电指示
0:未充电或充电已完成; 1:正在充电
R
5
电池存在状态指示
0:无电池连接到 AXP171; 1:电池已经连接到 AXP171
R
4
保留
R
3
指示电池是否进入激活模式
0:未进入电池激活模式; 1:已进入电池激活模式
R
2
指示充电电流是否小于期望电流
0:实际充电电流等于期望电流; 1:实际充电电流小于期望电流
R
1-0
保留
R
REG 06-09H: 数据缓存 0-3
注:只要外部电源、电池某一路电源存在,此四个字节的数据就会一直保存,不受开关机影响。
REG 10H: DC-DC2 输出控制
默认值:X5H
Bit
描述
R/W
默认值



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com