Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264CCR Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML2264CCR
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264CCR Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML2264CCR Datasheet HTML 9Page - Micro Linear Corporation ML2264CCR Datasheet HTML 10Page - Micro Linear Corporation ML2264CCR Datasheet HTML 11Page - Micro Linear Corporation ML2264CCR Datasheet HTML 12Page - Micro Linear Corporation ML2264CCR Datasheet HTML 13Page - Micro Linear Corporation ML2264CCR Datasheet HTML 14Page - Micro Linear Corporation ML2264CCR Datasheet HTML 15Page - Micro Linear Corporation ML2264CCR Datasheet HTML 16Page - Micro Linear Corporation ML2264CCR Datasheet HTML 17Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ML2264
14
ML2264
+VREF
µP
VCC
VREFOUT
ML2340
D/A
WITH
REFERENCE
0
≤ VIN ≤ 4.5
0.1
µF
+
VOUT
4.50V
12V
5V
0.1
µF
+
AIN
VCC
ML2264
–15VDC
+
–
+15VDC
*
*
*NO PROTECTION REQUIRED IF INPUT CURRENT <25mA
Figure 12. Protecting the Input
5V
0.1
µF
+
AIN
VCC
ML2264
+VREF
–VREF
GND
0
≤ VIN ≤ VCC
Figure 13. Using VCC as Reference for
Ratiometric Operation
ADDRESS
DECODE
68008
ML2264
CS
A0
A1
INT
RD
DB7
DB0
AS
DTACK
R/W
DB7
DB0
DATA
Figure 15. 68000 Type Interface to ML2264
–
+
ML2264
5V
A IN 1
A IN 2
A IN 3
A IN 4
25K
50K
VIN
Figure 16. ±2.5V Analog Input Range
Figure 17. 8051 Interface to ML2264
CS
A0
A1
WR
RD
INT
DB7
DB0
ML2264
8051
P3, 1
P3, 2
P3, 3
P3, 4
P3, 5
P3, 6
P1, 7
P1, 0
DATA
A IN 1
A IN 2
A IN 3
A IN 4
Figure 14. Using External Reference of D/A
2.0 TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com