Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264CCR Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML2264CCR
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264CCR Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML2264CCR Datasheet HTML 2Page - Micro Linear Corporation ML2264CCR Datasheet HTML 3Page - Micro Linear Corporation ML2264CCR Datasheet HTML 4Page - Micro Linear Corporation ML2264CCR Datasheet HTML 5Page - Micro Linear Corporation ML2264CCR Datasheet HTML 6Page - Micro Linear Corporation ML2264CCR Datasheet HTML 7Page - Micro Linear Corporation ML2264CCR Datasheet HTML 8Page - Micro Linear Corporation ML2264CCR Datasheet HTML 9Page - Micro Linear Corporation ML2264CCR Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ML2264
6
ELECTRICAL CHARACTERISTICS (Continued)
Unless otherwise specified, TA = TMIN to TMAX, VCC = +VREF = 5V ± 5%, and –VREF = GND, and timing measured at 1.4V,
CL = 100pF. (Note 1)
ML2264XCX
TYP
PARAMETER
NOTES
CONDITIONS
MIN
(NOTE 3)
MAX
UNITS
AC Performance Write-Read Mode (Pin 5 = 5V) Figures 5 and 6 (Continued)
tINTL, Internal Comparison
4, 9
tRD > tINTL
620
ns
Time — WR Rising Edge
to INT Low
tACC2, Data Access Time
4
tRD > tINTL
050
ns
— RD to Data Valid
tDH, Data Hold Time —
5, 9
Figure 3
0
50
ns
RD Rising Edge to Data
High Impedance State
tINTH, RD to INT Delay
4, 9
0
65
ns
tP, Delay Time Between
4, 9
Sample & Hold Mode,
300
ns
Conversions — INT Low
SH/TH = VCC
to WR Low
Track & Hold Mode,
240
ns
SH/TH = GND
tIHWR, WR to INT Delay
4, 9
Standalone Mode
0
90
ns
tID, INTØ to Data Valid Delay
4, 9
Standalone Mode
0
20
ns
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: When the voltage at any pin exceeds the power supply rails (VIN < GND or VIN > VCC) the absolute value of current at that pin should be limited to 25mA or less.
Note 3: Typicals are parametric norm at 25°C.
Note 4: Parameter guaranteed and 100% production tested.
Note 5: Parameter guaranteed. Parameters not 100% tested are not in outgoing quality level calculation.
Note 6: Total unadjusted error includes offset, full scale, linearity, sample and hold, and multiplexer errors. Total unadjusted error is tested at the minimum specified times
for WR, RD, tR1, and tP. For example, for the ML2264XCX in the sample and hold mode, WR/RD mode: tWR = 190ns, tRD = 275ns with a frequency of 1.000MHz
(cycle time of 1000ns).
Note 7: For –VREF • VIN the digital output code will be 0000 0000. Two on-chip diodes are tied to the analog input which will forward conduct for analog input voltages one
diode drop below ground or one diode drop greater than the VCC supply. Be careful, during testing at low VCC levels (4.5V), as high level analog inputs (5V) can
cause this input diode to conduct — especially at elevated temperatures, and cause errors for analog inputs near full scale. The spec allows 100mV forward bias of
either diode. This means that as long as the analog VIN or VREF does not exceed the supply voltage by more than 100mV, the output code will be correct. To achieve
an absolute 0VDC to 5VDC input voltage range will therefore require a minimum supply voltage of 4.900VDC over temperature variations, initial tolerance and
loading.
Note 8: Conversion time, write-read mode = tWR + tRD + tRI.
Note 9: Defined from the time an output crosses 0.8V or 2.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com