Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264CCR Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2264CCR
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264CCR Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2264CCR Datasheet HTML 1Page - Micro Linear Corporation ML2264CCR Datasheet HTML 2Page - Micro Linear Corporation ML2264CCR Datasheet HTML 3Page - Micro Linear Corporation ML2264CCR Datasheet HTML 4Page - Micro Linear Corporation ML2264CCR Datasheet HTML 5Page - Micro Linear Corporation ML2264CCR Datasheet HTML 6Page - Micro Linear Corporation ML2264CCR Datasheet HTML 7Page - Micro Linear Corporation ML2264CCR Datasheet HTML 8Page - Micro Linear Corporation ML2264CCR Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ML2264
2
PIN# NAME
FUNCTION
PIN# NAME
FUNCTION
1
A IN 4
Analog input 4.
2
A IN 3
Analog input 3.
3
A IN 2
Analog input 2.
4
A IN 1
Analog input 1.
5
MODE
Mode select input.
MODE = GND: RD mode
MODE = VCC: WR-RD mode
Pin has internal current source
pulldown to GND.
6
DB0
Data output — bit 0 (LSB).
7
DB1
Data output — bit 1.
8
DB2
Data output — bit 2.
8
DB3
Data output — bit 3.
10 RD
Read input. In RD mode, this pin
initiates a conversion. In WR-RD
mode, this pin latches data into output
latches. See Digital Interface section.
11 INT
Interrupt output. This output signals
the end of a conversion and indicates
that data is valid on the data outputs.
See Digital Interface section.
12 GND
Ground.
13 –VREF
Negative reference voltage for
A/D converter.
14 +VREF
Positive reference voltage for
A/D converter.
PIN DESCRIPTION
15 WR/RDY
Write input or ready output. In WR-RD
mode, this pin is WR input. In RD
mode, this pin is RDY open drain
output. See Digital Interface section.
16 CS
Chip select input. This pin must be
held low for the device to perform a
conversion.
17 DB4
Data output — bit 4.
18 DB5
Data output — bit 5.
19 DB6
Data output — bit 6.
20 DB7
Data output — bit 7 (MSB).
21 A1
Digital address input 1 that selects
analog input channel. See multiplexer
addressing section.
22 A0
Digital address input 0 that selects
analog input channel. See multiplexer
addressing section.
23 SH/TH
S/H, T/H mode select. When SH/TH =
VCC, the device is in sample and hold
mode. When SH/TH = GND, the
device is in track and hold mode. Pin
has internal pulldown current source
to GND.
24 VCC
Positive supply. +5 volts ± 5%.
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage, VCC ................................................. 6.5V
Voltage
Logic Inputs ................................. –0.3V to VCC + 0.3V
Analog Inputs .............................. –0.3V to VCC + 0.3V
Input Current per Pin (Note 2) .............................. ±25mA
Storage Temperature .............................. –65°C to +150°C
Package Dissipation
at TA = 25°C (Board Mount) .............................875mW
Lead Temperature (Soldering 10 sec.)
Dual-In-Line Package (Plastic) ............................ 260°C
Dual-In-Line Package (Ceramic) ......................... 300°C
SOIC
Vapor Phase (60 sec.) ..................................... 215°C
Infrared (15 sec.) ............................................ 220°C
OPERATING CONDITIONS
Supply Voltage, VCC ............................ 4.5VDC to 6.0VDC
Temperature Range (Note 3) ................. TMIN - TA - TMAX
ML2264CCS
ML2264CCP
ML2264CCR ........................................... 0°C to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com