Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264CCR Datasheet(PDF) 17 Page - Micro Linear Corporation

Part # ML2264CCR
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264CCR Datasheet(HTML) 17 Page - Micro Linear Corporation

Back Button ML2264CCR Datasheet HTML 9Page - Micro Linear Corporation ML2264CCR Datasheet HTML 10Page - Micro Linear Corporation ML2264CCR Datasheet HTML 11Page - Micro Linear Corporation ML2264CCR Datasheet HTML 12Page - Micro Linear Corporation ML2264CCR Datasheet HTML 13Page - Micro Linear Corporation ML2264CCR Datasheet HTML 14Page - Micro Linear Corporation ML2264CCR Datasheet HTML 15Page - Micro Linear Corporation ML2264CCR Datasheet HTML 16Page - Micro Linear Corporation ML2264CCR Datasheet HTML 17Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
ML2264
17
ORDERING INFORMATION
TOTAL
TEMPERATURE
PART NUMBER
UNADJUSTED ERROR
RANGE
PACKAGE
ML2264CCP (Obsolete)
0°C to +70°C
Molded DIP (P24)
ML2264CCS (End Of Life)
±1 LSB
0°C to +70°C
Molded SOIC (S24)
ML2264CCR (Obsolete)
0°C to +70°C
Molded SSOP (R24)
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or
design. Micro Linear does not assume any liability arising out of the application or use of any product
described herein, neither does it convey any license under its patent right nor the rights of others. The
circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no
warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of
others, and will accept no responsibility or liability for use of any application herein. The customer is urged
to consult with appropriate legal counsel before deciding on a particular application.
DS2264-01
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
© Micro Linear 1997
is a registered trademark of Micro Linear Corporation
Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017;
5,559,470;5,565,761;5,592,128;5,594,376;Japan:2598946;2619299.Otherpatentsarepending.
SEATING PLANE
0.205 - 0.213
(5.20 - 5.40)
0.301 - 0.313
(7.65 - 7.95)
0.318 - 0.328
(8.08 - 8.33)
0.009 - 0.015
(0.23 - 0.38)
0.026 BSC
(0.65 BSC)
0.022 - 0.038
(0.55 - 0.95)
0.068 - 0.078
(1.73 - 1.98)
0.002 - 0.008
(0.05 - 0.20)
0.066 - 0.070
(1.68 - 1.78)
0.004 - 0.008
(0.10 - 0.20)
0º - 8º
PIN 1 ID
24
1
Package: R24
24-Pin SSOP
PHYSICAL DIMENSIONS inches (millimeters) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com