Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264CCR Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2264CCR
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264CCR Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2264CCR Datasheet HTML 1Page - Micro Linear Corporation ML2264CCR Datasheet HTML 2Page - Micro Linear Corporation ML2264CCR Datasheet HTML 3Page - Micro Linear Corporation ML2264CCR Datasheet HTML 4Page - Micro Linear Corporation ML2264CCR Datasheet HTML 5Page - Micro Linear Corporation ML2264CCR Datasheet HTML 6Page - Micro Linear Corporation ML2264CCR Datasheet HTML 7Page - Micro Linear Corporation ML2264CCR Datasheet HTML 8Page - Micro Linear Corporation ML2264CCR Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
May 1997
ML2264*
4-Channel High-Speed 8-Bit
A/D Converter with T/H (S/H)
GENERAL DESCRIPTION
The ML2264 is a high-speed, µP compatible, 4-channel
8-bit A/D converter with a conversion time of 680ns over
the operating temperature range and supply voltage
tolerance. The ML2264 operates from a single 5V supply
and has an analog input range from GND to VCC.
The ML2264 has two different pin selectable modes. The
T/H mode has an internal track and hold. The S/H mode
has a true internal sample and hold and can digitize 0 to
5V sinusoidal signals as high as 500kHz.
The ML2264 digital interface has been designed so that
the device appears as a memory location or I/O port to a
µP. Analog input channels are selected by the latched and
decoded multiplexer address inputs.
The ML2264 is an enhanced, pin compatible second
source for the industry standard AD7824. The ML2264
enhancements are faster conversion time, parameters
guaranteed over the supply tolerance and temperature
range, improved digital interface timing, superior power
supply rejection, and better latchup immunity on analog
inputs.
FEATURES
s
Conversion time, WR-RD mode over temperature and
supply voltage tolerance
Track & Hold Mode ................................. 830ns max
Sample & Hold Mode .............................. 700ns max
s
Total unadjusted error ..................... ±1/2 LSB or ±1 LSB
s
Capable of digitizing a 5V, 250kHz sine wave
s
4-analog input channels
s
No missing codes
s
0V to 5V analog input range with single 5V power
supply
s
No zero or full scale adjust required
s
Analog input protection ............................... 25mA min
s
Operates ratiometrically or with up to 5V voltage
reference
s
No external clock required
s
Power-on reset circuitry
s
Low power ....................................................... 100mW
s
Narrow 24-pin DIP, SOIC, or SSOP
s
Superior pin compatible replacement for AD7824
BLOCK DIAGRAM
PIN CONNECTIONS
A IN 1
A IN 2
A IN 3
A IN 4
4-CH
MUX
ADDRESS
LATCH
DECODE
A0
A1
TIMING
&
CONTROL
INT
CS WR/RDY RD SH/TH MODE
4-BIT
FLASH
A/D
(MSB)
VCC +VREF
–VREF
GND
SH/TH
Σ
+
SAMPLE
&
HOLD
4-BIT
D/A
–
4-BIT
FLASH
A/D
(LSB)
–VREF
+VREF
16
–VREF
16
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DECODE
LOGIC,
LATCH
&
THREE
STATE
OUTPUT
BUFFER
+VREF
–VREF
+VREF
TOP VIEW
A IN 4
A IN 3
A IN 2
A IN 1
MODE
DB0
DB1
DB2
DB3
RD
INT
GND
VCC
SH/TH
A0
A1
DB7
DB6
DB5
DB4
CS
WR/RDY
+VREF
–VREF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A IN 4
A IN 3
A IN 2
A IN 1
MODE
DB0
DB1
DB2
DB3
RD
INT
GND
VCC
SH/TH
A0
A1
DB7
DB6
DB5
DB4
CS
WR/RDY
+VREF
–VREF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TOP VIEW
24-Pin DIP
24-Pin SOIC
24-Pin SSOP
*This Part Is End Of Life As Of August 1, 2000


Similar Part No. - ML2264CCR

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2261 MICRO-LINEAR-ML2261 Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
ML2261BCP MICRO-LINEAR-ML2261BCP Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
ML2261BCQ MICRO-LINEAR-ML2261BCQ Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
ML2261CCP MICRO-LINEAR-ML2261CCP Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
ML2261CCQ MICRO-LINEAR-ML2261CCQ Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
More results

Similar Description - ML2264CCR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX151 MAXIM-MAX151 Datasheet
424Kb / 12P
300kHz 10-Bit A/D Converter with Refrence and T/H
19-2897; Rev 0; 6/90
logo
Micro Linear Corporatio...
ML2261 MICRO-LINEAR-ML2261 Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
logo
List of Unclassifed Man...
ADC-574Z ETC1-ADC-574Z Datasheet
632Kb / 6P
12-BIT, uP-COMPATIVEL A/D CONVERTER WITH S/H
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Intersil Corporation
HI-7153 INTERSIL-HI-7153 Datasheet
977Kb / 17P
8-Channel, 10-Bit High Speed Sampling A/D Converter
December 1997
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
High-speed 8-bit D/A Converter
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Texas Instruments
TLC32071 TI1-TLC32071 Datasheet
123Kb / 15P
HIGH-SPEED 8-BIT A/D AND D/A CONVERTER WITH 8-CHANNEL MULTIPLEXER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
High-speed 8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com