Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264CCR Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML2264CCR
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264CCR Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML2264CCR Datasheet HTML 1Page - Micro Linear Corporation ML2264CCR Datasheet HTML 2Page - Micro Linear Corporation ML2264CCR Datasheet HTML 3Page - Micro Linear Corporation ML2264CCR Datasheet HTML 4Page - Micro Linear Corporation ML2264CCR Datasheet HTML 5Page - Micro Linear Corporation ML2264CCR Datasheet HTML 6Page - Micro Linear Corporation ML2264CCR Datasheet HTML 7Page - Micro Linear Corporation ML2264CCR Datasheet HTML 8Page - Micro Linear Corporation ML2264CCR Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ML2264
5
ELECTRICAL CHARACTERISTICS (Continued)
Unless otherwise specified, TA = TMIN to TMAX, VCC = +VREF = 5V ± 5%, and –VREF = GND, and timing measured at 1.4V,
CL = 100pF. (Note 1)
ML2264XCX
TYP
PARAMETER
NOTES
CONDITIONS
MIN
(NOTE 3)
MAX
UNITS
AC and Dynamic Performance (Note 9) (Continued)
tAH, Multiplexer Address
4
SH/TH = GND, Figure 1
60
ns
Hold Time
(Track & Hold Operation)
tAS, Multiplexer Address
4
SH/TH = VCC, Figure 2
225
ns
Setup Time
(Sample & Hold Operation)
tAH, Multiplexer Address
4
SH/TH = VCC, Figure 2
60
ns
Hold Time
(Sample & Hold Operation)
AC Performance Read Mode (Pin 5 = 0V), Figure 4
tRDY, CS to RDY Delay
4
0
60
ns
tRDD, RD Low to RDY Delay
4, 9
Figure 3
1020
ns
tCSS, CS to RD, WR Setup Time
4
0
ns
tCSH, CS to RD, WR Hold Time
4
0
ns
tCRD, Conversion Time —
4, 9
1020
ns
RD Low to INT low
tACC0, Data Access Time
4
tCRD–10
tCRD+20
ns
RD to Data Valid
tRDPW, RD Pulse Width
4
tCRD+30
ns
tINTH, RD to INT Delay
4, 9
0
65
ns
tDH, Data Hold Time —
5, 9
Figure 3
0
50
ns
RD Rising Edge to Data
High Impedance State
tP, Delay Time Between
4, 9
Sample & Hold Mode,
300
ns
Conversions — INT Low
SH/TH = VCC
to RD Low
Track & Hold Mode,
240
ns
SH/TH = GND
AC Performance Write-Read Mode (Pin 5 = 5V), Figures 5 and 6
tCSS, CS to RD, WR Setup Time
4
0
ns
tCSH, CS to RD, WR Hold Time
4
0
ns
tWR, WR Pulse Width
4
SH/TH = VCC
190
50K
ns
5
SH/TH = GND
320
50K
ns
tRD, Read Time — WR
4tRD < tINTL
275
ns
High to RD Low Delay
tRI, RD to INT Delay
4, 9
tRD < tINTL
0
235
ns
tACC1, Data Access Time
4
tRD < tINTL
0
240
ns
— RD Low to Data Valid
tCWR-RD, Conversion Time
4, 8, 9
tRD < tINTL, SH/TH = VCC
700
ns
— WR Falling Edge to INT Low
5, 8, 9
tRD < tINTL, SH/TH = GND
830
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com