Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4832CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4832CS
Description  Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4832CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4832CS Datasheet HTML 1Page - Micro Linear Corporation ML4832CS Datasheet HTML 2Page - Micro Linear Corporation ML4832CS Datasheet HTML 3Page - Micro Linear Corporation ML4832CS Datasheet HTML 4Page - Micro Linear Corporation ML4832CS Datasheet HTML 5Page - Micro Linear Corporation ML4832CS Datasheet HTML 6Page - Micro Linear Corporation ML4832CS Datasheet HTML 7Page - Micro Linear Corporation ML4832CS Datasheet HTML 8Page - Micro Linear Corporation ML4832CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ML4832
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GAIN MODULATOR
Output Voltage (VMUL)ISINE = 100µA, VEA OUT = 3V
85
mV
ISINE = 300µA, VEA OUT = 3V
260
mV
ISINE =100µA, VEA OUT = 6V
200
mV
ISINE = 300µA, VEA OUT = 6V
600
mV
Output Voltage Limit
ISINE = 1.5mA, VEA–/OVP = 0V
0.9
1
1.1
V
Offset Voltage
ISINE = 0µA, VEA–/OVP = 0V
15
mV
ISINE = 150µA, VEA–/OVP = 3V
15
mV
ISINE Input Voltage
ISINE = 200µA
0.8
1.4
1.8
V
PFC CURRENT — LIMIT COMPARATOR
Current-Limit Threshold
–0.85
–1.0
–1.15
V
Propagation Delay
100mV step and 100mV overdrive
100
ns
OSCILLATOR
Initial Accuracy
TA = 25°C
72
76
80
kHz
Voltage Stability
VCCZ – 4.0V < VCC < VCCZ – 0.5V
1
%
Temperature Stability
2%
Total Variation
Line, temperature
69
83
kHz
Ramp Valley to Peak
2.5
V
CT Charging Current
VLAMP FB = 3V, VRT/CT = 2.5V,
VRX/CX = 0.9V (Preheat)
–90
–113
–130
µA
VLAMP FB = 3V, VRT/CT = 2.5V,
RX/CX = Open
–180
–230
–260
µA
CT Discharge Current
VRT/CT = 2.5V
4.0
5.5
7.0
mA
Output Drive Deadtime
0.64
0.91
1.30
µs
REFERENCE SECTION
Output Voltage
TA = 25°C, IO = 1mA
7.4
7.5
7.6
V
Line regulation
VCCZ – 4.0V < VCC < VCCZ – 0.5V
8
25
mV
Load regulation
1mA < IO < 5mA
2
15
mV
Temperature stability
0.4
%
Total Variation
Line, load, temp
7.35
7.65
V
Output Noise Voltage
10Hz to 10kHz
50
µV
Long Term Stability
TJ = 125°C, 1000 hrs
5
mV
PREHEAT AND INTERRUPT TIMER (RX = 680KW, CX = 4.7µF)
Initial Preheat Period
0.8
s
Subsequent Preheat Period
0.7
s
Start Period
1.2
s
Interrupt Period
5.7
s
Pin 10 Charging Current
–24
–28
–33
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com