Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4832CS Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4832CS
Description  Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4832CS Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4832CS Datasheet HTML 4Page - Micro Linear Corporation ML4832CS Datasheet HTML 5Page - Micro Linear Corporation ML4832CS Datasheet HTML 6Page - Micro Linear Corporation ML4832CS Datasheet HTML 7Page - Micro Linear Corporation ML4832CS Datasheet HTML 8Page - Micro Linear Corporation ML4832CS Datasheet HTML 9Page - Micro Linear Corporation ML4832CS Datasheet HTML 10Page - Micro Linear Corporation ML4832CS Datasheet HTML 11Page - Micro Linear Corporation ML4832CS Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ML4832
8
The magnitude of the offset voltage that will appear at
the input is given by VOS = io/gm. For an io of 1mA and a
gm of 0.05 µmhos the input referred offset will be 20mV.
Capacitor C1 as shown in Figure 2 is used to block the
DC current to minimize the adverse effect of offsets.
Slew rate enhancement is incorporated into all of the
operational transconductance amplifiers in the ML4832.
This improves the recovery of the circuit in response to
power up and transient conditions. The response to large
signals will be somewhat non-linear as the
transconductance amplifiers change from their low to
high transconductance mode. This is illustrated in
Figure 4.
BALLAST OUTPUT SECTION
The IC controls output power to the lamps via frequency
modulation with non-overlapping conduction. This
means that both ballast output drivers will be low during
the discharging time tDIS of the oscillator capacitor CT.
OSCILLATOR
The VCO frequency ranges are controlled by the output
of the LFB amplifier. As lamp current decreases, LFB
OUT rises in voltage, causing the CT charging current to
decrease, thereby causing the oscillator frequency to
decrease. Since the ballast output network attenuates
high frequencies, the power to the lamp will be
increased.
The oscillator frequency is determined by the following
equations:
F
tt
OSC
CHG
DIS
=
+
1
(3)
and
tR C In
VI
R
V
VI
R
V
CHG
T
T
REF
CH
T
TL
REF
CH
T
TH
=
+−
+−



 (4)
The oscillator’s minimum frequency is set when ICH = 0
where:
F
RC
OSC
TT
≅
×
1
051
.
(5)
This assumes that tCHG >> tDIS.
When LFB OUT is high, ICH = 0 and the minimum
frequency occurs. The charging current varies according to
two control inputs to the oscillator:
1. The output of the preheat timer
2. The voltage at LFB OUT
In preheat condition, charging current is fixed at
I
R
CHG PREHEAT
SET
()
.
=
25
(6)
17
+
–
1.25/3.75
8
CT
VREF
ICHG
VREF
CONTROL
RT/CT
RT
5.5mA
CLOCK
CT
VTH = 3.75V
VTL = 1.25V
tDIS
tCHG
Figure 5. Oscillator Block Diagram and Timing
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com