Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4832CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4832CS
Description  Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4832CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4832CS Datasheet HTML 3Page - Micro Linear Corporation ML4832CS Datasheet HTML 4Page - Micro Linear Corporation ML4832CS Datasheet HTML 5Page - Micro Linear Corporation ML4832CS Datasheet HTML 6Page - Micro Linear Corporation ML4832CS Datasheet HTML 7Page - Micro Linear Corporation ML4832CS Datasheet HTML 8Page - Micro Linear Corporation ML4832CS Datasheet HTML 9Page - Micro Linear Corporation ML4832CS Datasheet HTML 10Page - Micro Linear Corporation ML4832CS Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ML4832
7
AVERAGE CURRENT AND OUTPUT VOLTAGE
REGULATION
The PWM regulator in the PFC control section will act to
offset the positive voltage caused by the multiplier output
by producing an offsetting negative voltage on the current
sense resistor at IA+. A cycle-by-cycle current limit is
included to protect the MOSFET from high speed current
transients. When the voltage at IA+ goes negative by more
than 1V, the PWM cycle is terminated.
For more information on compensating the average
current and boost voltage error amplifier loops, see
ML4821 data sheet.
OVERVOLTAGE PROTECTION AND INHIBIT
The OVP pin serves to protect the power circuit from
being subjected to excessive voltages if the load should
change suddenly (lamp removal). A divider from the high
voltage DC bus sets the OVP trip level. When the voltage
on EA–/OVP exceeds 2.75V, the PFC transistors are
inhibited. The ballast section will continue to operate.
TRANSCONDUCTANCE AMPLIFIERS
The PFC voltage feedback, PFC current sense, and the
loop current amplifiers are all implemented as operational
transconductance amplifiers. They are designed to have
low small signal forward transconductance such that a
large value of load resistor (R1) and a low value ceramic
capacitor (<1µF) can be used for AC coupling (C1) in the
frequency compensation network. The compensation
network shown in Figure 2 will introduce a zero and a
pole at:
f
RC
f
RC
ZP
==
1
2
1
2
11
1 2
ππ
(2)
Figure 3 shows the output configuration for the operational
transconductance amplifiers.
A DC path to ground or VCC at the output of the
transconductance amplifiers will introduce an offset error.
–
+
18
2.5V
R1
C1
C2
Figure 2. Compensation Network
CURRENT
MIRROR
IN
OUT
CURRENT
MIRROR
IN
OUT
gmVIN
io = gmVIN
IQ +
2
gmVIN
IQ –
2
VIN Differential
Linear Slope Region
0
iO
Figure 3. Output Configuration
Figure 4. Transconductance Amplifier Characteristics
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com