Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4832CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4832CS
Description  Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4832CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4832CS Datasheet HTML 1Page - Micro Linear Corporation ML4832CS Datasheet HTML 2Page - Micro Linear Corporation ML4832CS Datasheet HTML 3Page - Micro Linear Corporation ML4832CS Datasheet HTML 4Page - Micro Linear Corporation ML4832CS Datasheet HTML 5Page - Micro Linear Corporation ML4832CS Datasheet HTML 6Page - Micro Linear Corporation ML4832CS Datasheet HTML 7Page - Micro Linear Corporation ML4832CS Datasheet HTML 8Page - Micro Linear Corporation ML4832CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2000
PRELIMINARY
ML4832*
Electronic Dimming Ballast Controller
GENERAL DESCRIPTION
The ML4832 is a complete solution for a dimmable/non-
dimmable, high power factor, high efficiency electronic
ballast. The BiCMOS ML4832 contains controllers for
“boost” type power factor correction as well as for a
dimming ballast.
The power factor circuit uses the average current sensing
method with a gain modulator and overvoltage protection.
This system produces a power factor of better than 0.99
with low input current THD at > 95% efficiency. Special
care has been taken in the design of the ML4832 to
increase system noise immunity by using a high amplitude
oscillator, and a current-fed multiplier. An overvoltage
protection comparator inhibits the PFC section in the
event of a lamp out or lamp failure condition.
The ballast section provides for programmable starting
scenarios with programmable preheat and lamp out-of-
socket interrupt times. The IC controls lamp output through
frequency modulation using lamp current feedback.
FEATURES
s
Complete power factor correction and dimming
ballast control in one IC
s
Low distortion, high efficiency continuous boost,
average current sensing PFC section
s
Programmable start scenario for rapid or instant
start lamps
s
Lamp current feedback for dimming control
s
Variable frequency dimming and starting
s
Programmable restart for lamp out condition to
reduce ballast heating
s
Over-temperature shutdown replaces external
heat sensor for safety
s
PFC overvoltage comparator eliminates output
“runaway” due to load removal
s
Large oscillator amplitude and gain modulator
improves noise immunity
s
Low start-up current <0.5mA
1
BLOCK DIAGRAM
7
RSET
VARIABLE FREQUENCY
OSCILLATOR
8
RT/CT
10
RX/CX
PRE-HEAT
AND INTERRUPT
TIMERS
CONTROL
&
GATING LOGIC
2
IA OUT
4
IA+
POWER
FACTOR
CONTROLLER
UNDER-VOLTAGE
AND THERMAL
SHUTDOWN
OUTPUT
DRIVERS
3
ISINE
1
EA OUT
18
EA–/OVP
VREF
17
PFC OUT
15
GND
11
VCC
16
PGND
12
OUT B
13
OUT A
14
LFB OUT
6
LAMP FB
5
INTERRUPT
9
(* Indicates part is End Of Life as of July 1, 2000)


Similar Part No. - ML4832CS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML4832CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
Electronic Dimming Ballast Controller
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5631 PTC-PT5631 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
PT5611 PTC-PT5611_10 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com