Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4832CS Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4832CS
Description  Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4832CS Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4832CS Datasheet HTML 5Page - Micro Linear Corporation ML4832CS Datasheet HTML 6Page - Micro Linear Corporation ML4832CS Datasheet HTML 7Page - Micro Linear Corporation ML4832CS Datasheet HTML 8Page - Micro Linear Corporation ML4832CS Datasheet HTML 9Page - Micro Linear Corporation ML4832CS Datasheet HTML 10Page - Micro Linear Corporation ML4832CS Datasheet HTML 11Page - Micro Linear Corporation ML4832CS Datasheet HTML 12Page - Micro Linear Corporation ML4832CS Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ML4832
9
In running mode, charging current decreases as the VPIN6
rises from 0V to VOH of the LAMP FB amplifier. The
highest frequency will be attained when ICHG is highest,
which is attained when LFB OUT is at 0V:
I
R
CHG
SET
()
0
5
=
(7)
Highest lamp power, and lowest output frequency are
attained when LFB OUT is at its maximum output voltage
(VOH).
In this condition, the minimum operating frequency of the
ballast is set per (5) above.
For the IC to be used effectively in dimming ballasts with
higher Q output networks a larger CT value and lower RT
value can be used, to yield a smaller frequency excursion
over the control range (VLFB OUT). The discharge current is
set to 5.5mA. Assuming that IDIS >> IRT:
tC
DIS VCO
T
() ≅×
600
(8)
IC BIAS, UNDER-VOLTAGE LOCKOUT AND THERMAL
SHUTDOWN
The IC includes a shunt regulator which will limit the
voltage at VCC to 15V (VCCZ). The IC should be fed with
a current limited source, typically derived from the ballast
transformer auxiliary winding. When VCC is below
VCCZ – 1.1V, the IC draws less than 0.48mA of quiescent
current and the outputs are off. This allows the IC to start
using a “bleed resistor” from the rectified AC line.
To help reduce ballast cost, the ML4832 includes a
temperature sensor which will inhibit ballast operation if
the IC’s junction temperature exceeds 120°C. In order to
use this sensor in lieu of an external sensor, care should be
taken when placing the IC to ensure that it is sensing
temperature at the physically appropriate point in the
ballast. The ML4832’s die temperature can be estimated
with the following equation:
TT
P
C W
JA
D
≅×
×
°
65
/
(9)
STARTING, RE-START, PREHEAT AND INTERRUPT
The lamp starting scenario implemented in the ML4832
is designed to maximize lamp life and minimize ballast
heating during lamp out conditions.
The circuit in Figure 7 controls the lamp starting scenarios:
Filament preheat and lamp out interrupt. CX is charged
with a current of IRSET/4 and discharged through RX. The
voltage at CX is initialized to 0.7V (VBE) at power up. The
time for CX to rise to 4.8V is the filament preheat time.
During that time, the oscillator charging current (ICHG) is
2.5/RSET. This will produce a high frequency for filament
preheat, but will not produce sufficient voltage to ignite
the lamp.
After cathode heating, the inverter frequency drops to
FMIN causing a high voltage to appear to ignite the lamp.
If the voltage does not drop when the lamp is supposed to
have ignited, the lamp voltage feedback coming into pin 9
rises to above VREF, the CX charging current is shut off and
the inverter is inhibited until CX is discharged by RX to the
1.2V threshold. Shutting off the inverter in this manner
prevents the inverter from generating excessive heat when
Figure 6. Typical VCC and ICC Waveforms when
the ML4832 is Started with a Bleed Resistor from
the Rectified AC Line and Bootstrapped from an
Auxiliary Winding.
Figure 7. Lamp Preheat and Interrupt Timers
FUNCTIONAL DESCRIPTION (Continued)
VCCZ
VON
VOFF
5.5mA
0.34mA
VCC
ICC
t
t
10
9
RX
CX
6.8
+
–
1.2/4.8
HEAT
INHIBIT
0.625
RSET
+
–
1.2/6.8
–
+
VREF
DIMMING
LOCKOUT
RX/CX
INT
Q
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com