Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4832CS Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4832CS
Description  Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4832CS Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4832CS Datasheet HTML 6Page - Micro Linear Corporation ML4832CS Datasheet HTML 7Page - Micro Linear Corporation ML4832CS Datasheet HTML 8Page - Micro Linear Corporation ML4832CS Datasheet HTML 9Page - Micro Linear Corporation ML4832CS Datasheet HTML 10Page - Micro Linear Corporation ML4832CS Datasheet HTML 11Page - Micro Linear Corporation ML4832CS Datasheet HTML 12Page - Micro Linear Corporation ML4832CS Datasheet HTML 13Page - Micro Linear Corporation ML4832CS Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ML4832
10
Figure 8. Lamp Starting and Restart Timing
6.8
4.8
1.2
.65
0
7.5
RX/CX
HEAT
DIMMING
LOCKOUT
INT
INHIBIT
FUNCTIONAL DESCRIPTION (Continued)
the lamp fails to strike or is out of socket. Typically this
time is set to be fairly long by choosing a large value
of RX.
LFB OUT is ignored by the oscillator until CX reaches 6.8V
threshold. The lamps are therefore driven to full power and
then dimmed. The CX pin is clamped to about 7.5V.
A summary of the operating frequencies in the various
operating modes is shown below.
OPERATING MODE
OPERATING FREQUENCY
[F(MAX) to F(MIN)]
Preheat
2
Dimming
Lock-out
F(MIN)
DIMMING
CONTROL
F(MIN) TO F(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com