Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6461CS Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML6461CS
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461CS Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML6461CS Datasheet HTML 10Page - Micro Linear Corporation ML6461CS Datasheet HTML 11Page - Micro Linear Corporation ML6461CS Datasheet HTML 12Page - Micro Linear Corporation ML6461CS Datasheet HTML 13Page - Micro Linear Corporation ML6461CS Datasheet HTML 14Page - Micro Linear Corporation ML6461CS Datasheet HTML 15Page - Micro Linear Corporation ML6461CS Datasheet HTML 16Page - Micro Linear Corporation ML6461CS Datasheet HTML 17Page - Micro Linear Corporation ML6461CS Datasheet HTML 18Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
ML6461
14
Figure 6a. Square Pixel (SQPIX) Format: CLK = 24.54MHz
Figure 6b. SAV/EAV Codes for 525/60.
F
F
CB0
Y0
CR0
Y1
CB1
Y2
CR1
0
0
0
0
E
A
V
8
0
1
0
8
0
1
0
8
0
1
0
F
F
0
0
0
0
S
A
V
C
B
YC
R
Y C
B
YC
R
Y
Y C
B
Y C
R
Y
Y634 CR317 Y635 CB318 Y636 CR318 Y637 CB319 Y638 CR319 Y639
01 2 3 45 67
276
278
280
282
284
286
288
1555
1557
1559
1280
1280
4
4
272
• • • • • • •
• • • • • • •
• • • • • • •
In SQPIX format, there are
{ }intheactiveportionofaline.
640 Y
320 Cb
320 Cr
ACTIVE
BLANKING
ACTIVE LINE
LINE
Format <1,F,V,H,P3,P2,P1,P0>
EAV and SAV Code Format (8-bits)
SYNCHRONIZATION
BITS
PROTECTION BITS
(IGNORED BY ML6461)
1
F
V
H
P3
P2
P1
P0
1 to 3 EAV
1
1
1
1
X
SAV
1
1
1
0
X
4 to 19 EAV
1
0
1
1
X
SAV
1
0
1
0
X
20 to 263 EAV
1
0
0
1
X
SAV
1
0
0
0
X
264 to 265 EAV
1
0
1
1
X
SAV
10
10
X
266 to 282 EAV
1
1
1
1
X
SAV
1
1
1
0
X
283 to 525 EAV
1
1
0
1
X
SAV
1
1
0
0
X
Line Number
Code
1
F
V
H
P3~P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com